Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC82040 Datasheet(PDF) 11 Page - SONiX Technology Company

Part # SNC82040
Description  12-Channel MIDI/Speech Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC82040 Datasheet(HTML) 11 Page - SONiX Technology Company

Back Button SNC82040 Datasheet HTML 5Page - SONiX Technology Company SNC82040 Datasheet HTML 6Page - SONiX Technology Company SNC82040 Datasheet HTML 7Page - SONiX Technology Company SNC82040 Datasheet HTML 8Page - SONiX Technology Company SNC82040 Datasheet HTML 9Page - SONiX Technology Company SNC82040 Datasheet HTML 10Page - SONiX Technology Company SNC82040 Datasheet HTML 11Page - SONiX Technology Company SNC82040 Datasheet HTML 12Page - SONiX Technology Company SNC82040 Datasheet HTML 13Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SNC82040
12-Channel MIDI/Speech Controller
Ver: 1.5
Sep. 8, 2006
11
Power Supply: 4.5V
System Clock: 16.384M Crystal
Voice output: DA output
VDDVR
VDD
VDDPP
REGOUT
CVDD
RST
VDD
P00
P01
P02
P03
P04
P05
P06
P07
P24
P25
P26
P27
GND
GNDPP
0.1uF
4.7uF
SNC82040
51K
P20
P21
P22
P23
GNDVR
0.1uF
VDD
10uF
10
10
VDD
1K
CKSEL
TESTM
VO
BN0
BP0
LXIN
LXOUT
XIN
XOUT
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com