Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYD147 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYD147
Description  Ultra fast low-loss rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD147 Datasheet(HTML) 2 Page - NXP Semiconductors

  BYD147 Datasheet HTML 1Page - NXP Semiconductors BYD147 Datasheet HTML 2Page - NXP Semiconductors BYD147 Datasheet HTML 3Page - NXP Semiconductors BYD147 Datasheet HTML 4Page - NXP Semiconductors BYD147 Datasheet HTML 5Page - NXP Semiconductors BYD147 Datasheet HTML 6Page - NXP Semiconductors BYD147 Datasheet HTML 7Page - NXP Semiconductors BYD147 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Nov 11
2
Philips Semiconductors
Product specification
Ultra fast low-loss rectifier
BYD147
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Available in ammo-pack
• Smallest surface mount rectifier
outline.
DESCRIPTION
Cavity free cylindrical glass SOD87
package through Implotec
™(1)
technology. This package is
hermetically sealed and fatigue free
as coefficients of expansion of all
used parts are matched.
(1) Implotec is a trademark of Philips.
handbook, 4 columns
MAM061
ka
Fig.1 Simplified outline (SOD87) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
−
400
V
VR
continuous reverse voltage
−
400
V
IF(AV)
average forward current
Ttp = 140 °C; averaged over any
20 ms period; see Figs 5 and 6
−
1A
Ttp =90 °C; averaged over any
20 ms period; see Figs 5 and 6
−
2A
IFSM
non-repetitive peak forward current
t = 10 ms half sinewave;
VR =VRRMmax
−
25
A
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
−65
+175
°C
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 1 A; see Fig.2; Tj = 150 °C
0.88
V
IF = 1 A; see Fig.2
1.05
V
IR
reverse current
VR =VRRMmax; see Fig.3
5
µA
VR =VRRMmax; Tj = 150 °C; see Fig.3
150
µA
trr
reverse recovery time
when switched from IF = 0.5 A to IR =1A;
measured at IR = 0.25 A
50
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com