Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS-EN2SE-R Datasheet(PDF) 2 Page - HMS Networks.

Part # HMS-EN2SE-R
Description  EtherNet/IP™ to Serial Linking Device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMS [HMS Networks.]
Direct Link  https://www.hms-networks.com/
Logo HMS - HMS Networks.

HMS-EN2SE-R Datasheet(HTML) 2 Page - HMS Networks.

  HMS-EN2SE-R Datasheet HTML 1Page - HMS Networks. HMS-EN2SE-R Datasheet HTML 2Page - HMS Networks.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Anybus® is a registered trademark of HMS Industrial Networks AB, Sweden, USA, Germany and other countries. Other marks and words belong to their respective companies. All
other product or service names mentioned in this document are trademarks of their respective companies.
Part No: MMA433 Version 2 03/2019 - © HMS Industrial Networks - All rights reserved - HMS reserves the right to make modifications without prior notice.
TECHNICAL SPECIFICATIONS
Power connector
2-pole Phoenix plug
DIN rail connector
with PE
Status LEDs
Network connectors
Configuration switches
(behind lid)
EtherNet/IP io Serial Linking Device
Protocol RS232/422/485, Modbus RTU and DF1
Max stations 31 (with RS485/422)
Baud rate 1,2-57,6 kbit/s
Physical standards One RS232/422/485 connector and two RJ45 connectors
I/O Data Max. 500 input bytes, 496 output bytes.
Modbus Commands 0x01 Read Coils, 0x02 Read Discrete Inputs, 0x03 Read Holding Registers,
0x04 Read Input Registers, 0x05 Write Single Coil, 0x06 Write Single Register,
0x07 Read Exception Status, 0x08 Diagnostics, 0x0B Get Comm Event Ctr, 0x0C
Get Comm Event Log, 0x0F Write Multiple Coils, 0x10 Write Multiple Registers, 0x11
Report Slave ID, 0x14 Read File Record, 0x15 Write File Record, 0x16 Mask Write
Register, 0x17 Read/Write Multiple Registers, 0x18 Read FIFO Queue
Customized commands can be created (in the Configuration Manager)
Technical Details
Standard
Weight 150 g, 0,33 lb
Dimensions (L•W•H) 120•75•27 mm, 4,72•2,95•1,06”
Protection class IP20, NEMA rating 1
Enclosure material PC ABS, UL 94
Installation position Any
Mounting DIN rail (35•7,5/15)
EN 50022
Certifications
UL File number: E203225
UL 508 ind. Cont. Eq.
Hazardous Locations Class 1, Division 2, Groups A, B, C and D, T4
ISA 12.12.01
CE 2014/30/EU
EN 61000-6-4
EN 61000-6-2
Electrical Characteristics
Power 24 VDC +/- 10 %
Current consumption Max 300 mA, Typical 100 mA
Hardware Characteristics
Reverse voltage protection Yes
Short circuit protection Yes
Galvanic isolation on subnetwork Yes
EN 60950-1
MTTF >550 000 h
Telcordia Issue 2, Method
1 Case 3 at 30 oC
Environmental Characteristics
Operating temp 0 to 55 oC, 32 to 131 oF
Storage temp -40 to 85 oC, -40 to 185 oF
Relative Humidity 0-95 % non condensing
Installation altitude Up to 2 000 m
Immunity and emission for industrial environment
Electrostatic discharge +/- 4 kV
EN 61000-4-2
Electro magnetic RF fields 10 V/m 80 MHz - 1 GHz
3 V/m 1,4 GHz - 2,0 GHz
1 V/m 2,0 GHz - 2,7 GHz
EN 61000-4-3
Fast Transients +/- 1 kV
EN 61000-4-4
Surge protection +/- 1 kV
EN 61000-4-5
RF conducted interference 10 V/rms
EN 61000-4-6
Emission (at 10 m) 40 dB 30 MHz - 230 MHz
47 dB 30 MHz - 1 GHz
CISPR 16-2-3
Single Pack Accessories
Installation sheet • Dsub with screw terminals for subnetwork
The configuration is integrated into Rockwell Studio5000. With a click
of the mouse, you start the configurator for the Linking Device.
By using the Process Tags Editor, you can save yourself a lot of work by
letting the software automatically create process tags.
HMS Industrial Networks – Worldwide
HMS - Sweden (HQ)
Tel : +46 35 17 29 00 (Halmstad HQ)
E-mail: sales@hms-networks.com
HMS - China
Tel : +86 010 8532 3183
E-mail: cn-sales@hms-networks.com
HMS - France
Tel: +33 368 368 034 (Mulhouse office)
E-mail: fr-sales@hms-networks.com
HMS - Finland
Tel: +358 404 557 381
E-mail: sales@hms-networks.com
HMS - Germany
Tel: +49 721 989777-000
E-mail: ge-sales@hms-networks.com
HMS - India
Tel: +91 83800 66578
E-mail: in-sales@hms-networks.com
HMS - Italy
Tel: +39 039 59662 27
E-mail: it-sales@hms-networks.com
HMS - Japan
Tel: +81 45 478 5340
E-mail: jp-sales@hms-networks.com
HMS - Switzerland
Tel: +41 61 511342-0
E-mail: sales@hms-networks.ch
HMS - UK
Tel: +44 1926 405599
E-mail: uk-sales@hms-networks.com
HMS - United States
Tel: +1 312 829 0601
E-mail: us-sales@hms-networks.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com