Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT Datasheet(PDF) 39 Page - Amphenol Corporation

Part # PT
Description  Miniature Cylindrical Connectors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PT Datasheet(HTML) 39 Page - Amphenol Corporation

Back Button PT Datasheet HTML 35Page - Amphenol Corporation PT Datasheet HTML 36Page - Amphenol Corporation PT Datasheet HTML 37Page - Amphenol Corporation PT Datasheet HTML 38Page - Amphenol Corporation PT Datasheet HTML 39Page - Amphenol Corporation PT Datasheet HTML 40Page - Amphenol Corporation PT Datasheet HTML 41Page - Amphenol Corporation PT Datasheet HTML 42Page - Amphenol Corporation PT Datasheet HTML 43Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
37
PT & SP
accessories – sealing plugs, flange gaskets,
potting boots
B
DIA
A
DIA
C
.135 +.030
–.025
.130 DIA SIZE 6 TO 22
.156 DIA SIZE 24
.160 DIA 10-150949
T
15º
REF
B
L
D
E
Contact
Size
Amphenol
®
Part Number
MS
Number
A
Dia.
±.010
B
Dia.
±.005
C
±.010
Color
Code
12
10-405996-12
MS27488-12
.121
.171
.564
Yellow
16
10-405996-16
MS27488-16
.083
.133
.564
Blue
20
10-405996-16
MS27488-20
.060
.090
.564
Red
SEALING PLUGS- FOR PT & SP
How to Order: Order by 10- (Proprietary) or MS part number as shown in chart
above.
Shell Size
PT
10-101949
SP
10-150949
PT & SP
10-101949
10-150949
R
±.010
S
±.010
R
±.010
S
±.010
F
+.016
-.000
T
±.008
6
.469
.688
.641
.953
.375
.024
8
.594
.812
.734
1.047
.500
.024
10
.719
.938
.812
1.125
.625
.024
12
.813
1.031
.938
1.250
.750
.024
14
.906
1.125
1.031
1.344
.875
.024
16
.969
1.219
1.125
1.438
1.000
.024
18
1.063
1.312
1.203
1.516
1.125
.024
20
1.156
1.438
1.297
1.672
1.250
.024
22
1.250
1.563
1.375
1.750
1.375
.024
24
1.375
1.688
1.500
1.875
1.500
.024
MOUNTING FLANGE GASKETS – FOR PT & SP
How to Order: For PT: 10-101949-XX (complete order number with desired shell size).
For SP: 10-150949-XX (complete order number with desired shell size).
Shell
Size
B
Max.
D
±.015
E
±.015
L
Max.
8
.433
.312
.438
.766
10
.493
.438
.562
.830
12
.552
.516
.688
.861
14
.643
.625
.781
.916
16
.658
.656
.890
.936
18
.689
.703
1.000
.959
20
.750
.766
1.125
1.052
22
.794
.812
1.234
1.073
24
1.070
.918
1.374
1.310
75° POTTING BOOTS – FOR PT & SP
How to Order: 10-101988-XX (complete order number with desired shell size).
All dimensions for reference only
SEALING PLUG
MS27488-XX
10-405996-XX
MOUNTING FLANGE GASKET
10-101949-XX
10-150949-XX
75° POTTING BOOT
10-101988-XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com