Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CST0612-FC-R003E Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CST0612-FC-R003E
Description  Model CST0612 Current Sense Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CST0612-FC-R003E Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CST0612-FC-R003E Datasheet HTML 1Page - Bourns Electronic Solutions CST0612-FC-R003E Datasheet HTML 2Page - Bourns Electronic Solutions CST0612-FC-R003E Datasheet HTML 3Page - Bourns Electronic Solutions CST0612-FC-R003E Datasheet HTML 4Page - Bourns Electronic Solutions CST0612-FC-R003E Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3312 - 2 mm SMD Trimming Potentiometer
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of
this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Model CST0612 Current Sense Resistor
Reliability Tests
Test Item
Reference Standard
Test Conditions
Test Limits
Temperature Coefficient of Resistance
IEC 60115-1-4.8
JIS-C5201-4.8
+25 °C ~ +125 °C
Refer 4.0
Load Life
IEC 60115-1-4.25.1
JIS-C5201-4.25.1
1000 hours at rated power, 70 °C,
1.5 hours “ON”, 0.5 hours “OFF”
< ±2 %
Short Time Overload
IEC 60115-1-4.13
JIS-C5201-4.13
5 times rated power
for 10 seconds
< ±0.5 %
Moisture No Load
IEC60115-1-4.24.2.1a
JIS-C5201-4.24.2.1a
85 °C, 85 %RH, 1000 hours
< ±0.5 %
Temperature Cycle
IEC60115-1-4.19
JIS-C5201-4.19
-55 °C and +155 °C, 300 cycles,
15 minutes per extreme condition
< ±0.5 %
Resistance to Soldering Heat
IEC60115-1-4.18
JIS-C5201-4.18
260 ° ±5 °C for 10 ±1 seconds,
2 cycles
< ±0.5 %
Solderability
IEC60115-1-4.17
JIS-C5201-4.17
245 ±5 °C, 2 ±0.5 seconds
At least 95 % of surface area of
electrode shall be covered with
new solder
High Temperature Exposure
IEC60115-1-4.23.2
JIS-C5201-4.23.2
170 °C, 1000 hours
< ±2 %
Low Temperature Storage
IEC60115-1-4.23.4
JIS-C5201-4.23.4
-55 °C, 1000 hours
< ±0.5 %
Substrate Bending
IEC60115-1-4.33
JIS-C5201-4.33
2 mm bending width
< ±0.5 %
Insulation Resistance
IEC60115-1-4.6
JIS-C5201-4.6
100 V DC for 1 minute
> 100 megohms
Product Dimensions
DIMENSIONS:
MM
(INCHES)
3.05 ± 0.25
(.120 ± .010)
1.65 ± 0.20
(.065 ± .008)
0.40 ± 0.25
(.016 ± .010)
0.51 ± 0.13
(.020 ± .005)
0.51 ± 0.13
(.020 ± .005)
0.65 ± 0.20
(.026 ± .008)
1.0
(.039)
0.7
(.028)
0.40
(.016)
0.80
(.031)
2.3
(.091)
Recommended Solder Pad Layout
3.05 ± 0.25
(.120 ± .010)
1.65 ± 0.20
(.065 ± .008)
0.40 ± 0.25
(.016 ± .010)
0.51 ± 0.13
(.020 ± .005)
0.51 ± 0.13
(.020 ± .005)
0.65 ± 0.20
(.026 ± .008)
1.0
(.039)
0.7
(.028)
0.40
(.016)
0.80
(.031)
2.3
(.091)
Copper foil min.
thickness of PCB: 3 oz.
How to Order
CST 0612 - F C - R001 E
Model
(CST = Current Sense Terminal Type)
Size
0612
Resistance Tolerance
F = ±1 %
TCR (See Electrical Characteristics chart)
X = ±100 PPM/°C
C = ±200 PPM/°C
Resistance Code
See Popular Resistance Table
Packaging Code (NOTE 2)
E = Embossed Tape (4,000 pcs. per 7 ” reel)
(NOTE 2) Part Number CST0612-FC-R0005-E requires a hyphen before the Packaging Code.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com