Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

103 Datasheet(PDF) 2 Page - 3M Electronics

Part # 103
Description  3M™ Mini D Ribbon (MDR) Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

103 Datasheet(HTML) 2 Page - 3M Electronics

  103 Datasheet HTML 1Page - 3M Electronics 103 Datasheet HTML 2Page - 3M Electronics 103 Datasheet HTML 3Page - 3M Electronics 103 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Mini D Ribbon (MDR) Connectors
Metal Junction Shell for Round Cable
103 Series
TS-0341-B
Sheet 2 of 2
Ordering Information
103XX - C200 - 00
Inch
(mm)
Tolerance Unless Noted
.0 .00 .000
Inch ±.1 ±.01 ±.005
[ ] Dimensions for
Reference Only
Contact
Quantity
Dimensions
A
B
C
D
E
14
1.01 [ 25.8 ] .78 [ 19.9 ]
.27 [ 6.8 ]
—
—
20
1.17 [ 29.7 ] .82 [ 21.0 ]
.31 [ 8.0 ]
—
—
26
1.32 [ 33.5 ] .98 [ 24.8 ]
.33 [ 8.5 ]
—
—
36
1.57 [ 39.8 ] 1.22 [ 31.3 ]
.36 [ 9.1 ]
—
.18 [ 4.5 ]
40
1.67 [ 42.4 ] 1.32 [ 33.7 ]
.36 [ 9.1 ]
—
.18 [ 4.5 ]
50
1.92 [ 48.7 ] 1.57 [ 40.0 ]
—
.39 [ 10.0 ]
.18 [ 4.5 ]
68
2.37 [ 60.1 ] 2.02 [ 51.4 ]
—
.47 [ 12.0 ]
.18 [ 4.5 ]
100
3.16 [ 80.2 ] 2.81 [ 71.5 ]
—
.47 [ 12.0 ]
.22 [ 5.5 ]
Contact Quantity (See Table)
Note 100 position = A0
Top Shell
A
1.26
[ 32.0 ]
.09
[ 2.2 ]
Bottom Shell
B
.37
[ 9.4 ]
.45
[ 11.5 ]
.53
[ 13.5 ]
E Rad
D
C Dia
This Feature is
only on the 100 Pos.
Assembled Junction Shell
Package Contents:
1 - Cable Clamps (Plated Steel)
2 - M2.6 x 6 mm Flat Head Screws
2 - M2.6 x 4 mm Pan Head Screws
2 - Metal Shell Halves
2 - Metal Latches
(100 Pos. only)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com