Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D38999/26GC98AC Datasheet(PDF) 1 Page - Glenair, Inc.

Part # D38999/26GC98AC
Description  MIL-DTL-38999 Series III Environmental connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

D38999/26GC98AC Datasheet(HTML) 1 Page - Glenair, Inc.

  D38999/26GC98AC Datasheet HTML 1Page - Glenair, Inc. D38999/26GC98AC Datasheet HTML 2Page - Glenair, Inc. D38999/26GC98AC Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
12
© 2016 Glenair, Inc • 1211 Air Way, Glendale, CA 91201 • 818-247-6000 • www.glenair.com • U.S. CAGE code 06324 • MIL-DTL-38999 Series III brochure
Dimensions in inches (millimeters) are subject to change without notice
COTS EQUIVALENT
MIL-DTL-38999 Series III Environmental connectors
233-105 Crimp contact series with accessory threads
NOTES
1. 233-105 is designed to meet or exceed the mechanical,
electrical, environmental and dimensional requirements of
D38999/20, /24 & /26.
2. Insert arrangements IAW MIL-STD-1560, Glenair HD and size #8
shielded contact insert arrangements available only in COTS
series
3. Blue color band indicates rear release retention system.
4. Connector is supplied with contacts (including spares),
insertion/removal tool and sealing plugs.
5. Dimensions in inches (millimeters) are subject to change
without notice
6. Consult factory for additional information
How To Order - 233-105
Sample Part Number
233-105
-20
NF
17-8
P
N
-LC
Series / Basic Part No.
MIL-DTL-38999 Series III Environmental Connector
Connector Style
20 = Wall mount receptacle
24 = Jam nut receptacle
26 = Plug
Material and Finish
See Table I
Shell Size-Insert Arrangement Per MIL-STD-1560
Contact Type
P = Pin, 500 cycles
S = Socket, 500 cycles
A = Pin insert, less standard contacts
B = Socket insert, less standard contacts
Alternate Polarization
A, B, C, D, E, N = Normal
Mod Code for Less Contacts
Connector marked with P or S according to insert but supplied less contacts
Table I: Material and Finish
38999
233-105
Material
Finish Description
RoHS
F
ME
Aluminum
Electroless nickel (48 hr. salt spray)
G
MA
Space-grade electroless nickel, matte (48 hr. salt spray)
T
MT
Ni-PTFE
W
NF
Cadmium O.D. over electroless nickel (500 hr. salt spray)
Z*
ZR
Black zinc-nickel over electroless nickel
*qualification pending
Connector Mating and Accessory Thread Dimensions
Shell
Size
Code
Shell
Size
A Thread
J Thread
A
9
.6250-.1P-.3L-TS-2A
M12 X 1.0-6g 0.100R
B
11
.7500-.1P-.3L-TS-2A
M15 X 1.0-6g 0.100R
C
13
.8750-.1P-.3L-TS-2A
M18 X 1.0-6g 0.100R
D
15
1.0000-.1P-.3L-TS-2A
M22 X 1.0-6g 0.100R
E
17
1.1875-.1P-.3L-TS-2A
M25 X 1.0-6g 0.100R
F
19
1.2500-.1P-.3L-TS-2A
M28 X 1.0-6g 0.100R
G
21
1.3750-.1P-.3L-TS-2A
M31 X 1.0-6g 0.100R
H
23
1.5000-.1P-.3L-TS-2A
M34 X 1.0-6g 0.100R
J
25
1.6250-.1P-.3L-TS-2A
M37 X 1.0-6g 0.100R
Wire Accommodation
Contact Size
Wire Gauge
23
#22 - #28
22D
#22 - #28
20
#20 - #24
16
#16 - #20
12
#12 - #14


Similar Part No. - D38999/26GC98AC

ManufacturerPart #DatasheetDescription
logo
Amphenol PCD, Inc
D38999/26 AMPHENOLPCD-D38999/26 Datasheet
7Mb / 185P
FOR MILITARY, AEROSPACE AND HARSH ENVIRONMENTS
logo
Amphenol Corporation
D38999/26JA35AA AMPHENOL-D38999/26JA35AA Datasheet
1Mb / 54P
Subminiature Cylindrical Connectors
D38999/26JA35HN-LC AMPHENOL-D38999/26JA35HN-LC Datasheet
1Mb / 54P
Subminiature Cylindrical Connectors
D38999/26JA35PE AMPHENOL-D38999/26JA35PE Datasheet
1Mb / 54P
Subminiature Cylindrical Connectors
D38999/26JA35SB-LC AMPHENOL-D38999/26JA35SB-LC Datasheet
1Mb / 54P
Subminiature Cylindrical Connectors
More results

Similar Description - D38999/26GC98AC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-303 GLENAIR-233-303 Datasheet
232Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-305 GLENAIR-233-305 Datasheet
253Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
MIL-DTL-38999 Series III Type
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
MIL-DTL-38999, Series III, TV
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com