Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S200 Datasheet(PDF) 21 Page - ABB

Part # S200
Description  Miniature circuit breakers
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

S200 Datasheet(HTML) 21 Page - ABB

Back Button S200 Datasheet HTML 17Page - ABB S200 Datasheet HTML 18Page - ABB S200 Datasheet HTML 19Page - ABB S200 Datasheet HTML 20Page - ABB S200 Datasheet HTML 21Page - ABB S200 Datasheet HTML 22Page - ABB S200 Datasheet HTML 23Page - ABB S200 Datasheet HTML 24Page - ABB S200 Datasheet HTML 25Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
Miniatur
e
cir
cuit
br
eakers
S200
Low Voltage Products & Systems
15.19
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
15
15
C
No. of
poles
Rated
current
Catalog number
No. of
poles
Rated
current
Catalog number
1
0.5
S201-C0.5
3
0.5
S203-C0.5
1
S201-C1
1
S203-C1
1.6
S201-C1.6
1.6
S203-C1.6
2
S201-C2
2
S203-C2
3
S201-C3
3
S203-C3
4
S201-C4
4
S203-C4
6
S201-C6
6
S203-C6
8
S201-C8
8
S203-C8
10
S201-C10
10
S203-C10
13
S201-C13
13
S203-C13
16
S201-C16
16
S203-C16
20
S201-C20
20
S203-C20
25
S201-C25
25
S203-C25
32
S201-C32
32
S203-C32
40
S201-C40
40
S203-C40
50
S201-C50
50
S203-C50
63
S201-C63
63
S203-C63
1
+
NA
0.5
S201-C0.5NA
3
+
NA
0.5
S203-C0.5NA
1
S201-C1NA
1
S203-C1NA
1.6
S201-C1.6NA
1.6
S203-C1.6NA
2
S201-C2NA
2
S203-C2NA
3
S201-C3NA
3
S203-C3NA
4
S201-C4NA
4
S203-C4NA
6
S201-C6NA
6
S203-C6NA
8
S201-C8NA
8
S203-C8NA
10
S201-C10NA
10
S203-C10NA
13
S201-C13NA
13
S203-C13NA
16
S201-C16NA
16
S203-C16NA
20
S201-C20NA
20
S203-C20NA
25
S201-C25NA
25
S203-C25NA
32
S201-C32NA
32
S203-C32NA
40
S201-C40NA
40
S203-C40NA
50
S201-C50NA
50
S203-C50NA
63
S201-C63NA
63
S203-C63NA
2
0.5
S202-C0.5
4
0.5
S204-C0.5
1
S202-C1
1
S204-C1
1.6
S202-C1.6
1.6
S204-C1.6
2
S202-C2
2
S204-C2
3
S202-C3
3
S204-C3
4
S202-C4
4
S204-C4
6
S202-C6
6
S204-C6
8
S202-C8
8
S204-C8
10
S202-C10
10
S204-C10
13
S202-C13
13
S204-C13
16
S202-C16
16
S204-C16
20
S202-C20
20
S204-C20
25
S202-C25
25
S204-C25
32
S202-C32
32
S204-C32
40
S202-C40
40
S204-C40
50
S202-C50
50
S204-C50
63
S202-C63
63
S204-C63
S202-C
S204-C
S203-C
S201-C
S201-CNA
S203-CNA
S200-C, 480Y/277 VAC
Supplemental protectors
UL 1077, CSA 22.2, No. 235
Tripping characteristic C
UL 1077
480Y/277 VAC
6 kA
Resistive loads
• C Curve
• Designed for use with medium magnetic
start up currents
• Example: lighting, control panels
Accessories & technical data
Accessories – See page 15.31 - 15.34
Technical data – See page 15.35 - 15.36
Note: Switching neutral is noted by “NA” in the catalog
number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com