Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22-22 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # 22-22
Description  Amphenol 97 Series Connectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

22-22 Datasheet(HTML) 3 Page - Amphenol Corporation

  22-22 Datasheet HTML 1Page - Amphenol Corporation 22-22 Datasheet HTML 2Page - Amphenol Corporation 22-22 Datasheet HTML 3Page - Amphenol Corporation 22-22 Datasheet HTML 4Page - Amphenol Corporation 22-22 Datasheet HTML 5Page - Amphenol Corporation 22-22 Datasheet HTML 6Page - Amphenol Corporation 22-22 Datasheet HTML 7Page - Amphenol Corporation 22-22 Datasheet HTML 8Page - Amphenol Corporation 22-22 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
1
The Amphenol® 97 Series
design features and benefits:
• Low cost, general duty
non-environmental
• Solder or crimp termination
• UL Recognized, CSA Recognized
• Wide selection of shell styles and insert patterns
• Wide selection of connector finishes -
cadmium or non-cadmium
(environmentally friendly zinc alloy)
• Threaded coupling, hard dielectric inserts
• Solid or split shell construction
• Accessories for both individual wire seal and jacketed cable
RoHS COMPLIANT PRODUCT
AVAILABLE – Consult
Amphenol Industrial Operations.
For additional information on Amphenol® 97 Series connectors, or for special application
requirements, contact your local Amphenol sales office, authorized distributor, or -
Amphenol Corporation
Amphenol Industrial Operations
40-60 Delaware Avenue
Sidney, New York 13838-1395
Telephone: 607-563-5011
Fax: 607-563-5157
Web site: www.amphenol-industrial.com
Ro
HS
Am
phenol
U / 2002 / 95 /E
Amphenol offers the 97 Series Connector Family -
A general duty standard cylindrical connector,
MIL-5015 style.
The 97 Series is a widely used connector series for the auto-
motive, robotics, machine tool and welding industries, as well
as numerous other commercial applications from heavy equip-
ment to ECG monitoring cables.
Shell components are fabricated from high grade aluminum
alloy to provide strength and environmental protection. This
family of connectors offers a wide variety of shell styles, con-
tact patterns and accessory options.
Amphenol 97 Series Connectors
provide the interconnection solution for low cost,
general duty applications
®
Amphenol offers the 97 Series Connector Family -
A general duty standard cylindrical connector,
SAE AS50151 A & B Class style.
• Low cost, general duty
non-environmental
• Solder or crimp termination
• UL Recognized (E115497),
CSA Recognized (069183_0_000)
CE Certification (AT1312862E)
• Wide selection of shell styles and insert patterns
• Wide selection of connector finishes -
cadmium or non-cadmium
(environmentally friendly zinc alloy)
• Threaded coupling, hard dielectric inserts
The Amphenol® 97 Series
design features and benefits:
• Low cost, general duty
non-environmental
• Solder or crimp termination
• UL Recognized, CSA Recognized
• Wide selection of shell styles and insert patterns
• Wide selection of connector finishes -
cadmium or non-cadmium
(environmentally friendly zinc alloy)
• Threaded coupling, hard dielectric inserts
• Solid or split shell construction
• Accessories for both individual wire seal and jacketed cable
RoHS COMPLIANT PRODUCT
AVAILABLE – Consult
Amphenol Industrial Operations.
For additional information on Amphenol® 97 Series connectors, or for special application
requirements, contact your local Amphenol sales office, authorized distributor, or -
Amphenol Corporation
Amphenol Industrial Operations
40-60 Delaware Avenue
Sidney, New York 13838-1395
Telephone: 607-563-5011
Fax: 607-563-5157
Web site: www.amphenol-industrial.com
Ro
HS
Am
phenol
U / 2002 / 95 /E
Amphenol offers the 97 Series Connector Family -
A general duty standard cylindrical connector,
MIL-5015 style.
The 97 Series is a widely used connector series for the auto-
motive, robotics, machine tool and welding industries, as well
as numerous other commercial applications from heavy equip-
ment to ECG monitoring cables.
Shell components are fabricated from high grade aluminum
alloy to provide strength and environmental protection. This
family of connectors offers a wide variety of shell styles, con-
tact patterns and accessory options.
Amphenol 97 Series Connectors
provide the interconnection solution for low cost,
general duty applications
®
AMPHENOL CORPORATION
Amphenol Industrial Operations
191 Delaware Avenue
Sidney, NY 13838-1395
Telephone: 888-364-9011
Fax: 520-397-7169
www.amphenol-industrial.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com