Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541XMV-02 Datasheet(PDF) 74 Page - Microchip Technology

Part # VSC8541XMV-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-02 Datasheet(HTML) 74 Page - Microchip Technology

Back Button VSC8541XMV-02 Datasheet HTML 70Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 71Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 72Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 73Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 74Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 75Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 76Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 77Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 101 page
background image
Electrical Specifications
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
65
5.1.6
XTAL1
The following table shows the DC specifications for the XTAL1 pin referenced to VDD25A. The
specifications listed in the following table are valid only when VDD1 = 1.0 V, VDD1A = 1.0 V, and the on-
chip oscillator is turned off.
5.1.7
LED
The following table shows the DC specifications for the LED pins.
5.1.8
Internal Pull-Up or Pull-Down Resistors
Internal pull-up or pull-down resistors are specified in the following table. All internal pull-up resistors are
connected to their respective I/O supply.
5.1.9
Current Consumption
The following table shows the measured current consumption values for each mode of operation. Add
values from table for VDDMAC current consumption to calculate total typical current for each power
supply.. Add significant margin above the values for sizing power supplies.
Table 90 •
XTAL1 DC Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Input high voltage
VIH
1.85
2.75
V
Input low voltage
VIL
–0.3
0.7
V
Input leakage current
IILEAK
–85
85
µA
Output leakage current
IOLEAK
–85
85
µA
Table 91 •
LED DC Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Output high current drive strength
IOH
–24
mA
Output low current drive strength
IOL
24
mA
Table 92 •
Internal Pull-Up or Pull-Down Resistors (GMII/MII/RGMII/RMII Interface)
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Condition
Internal pull-down resistor
RPD
31
46
72
k
Ω
3.3 V
Internal pull-down resistor
RPD
38
59
96
k
Ω
2.5 V
Internal pull-down resistor
RPD
57
91
155
k
Ω
1.8 V
Internal pull-down resistor
RPD
78
125
220
k
Ω
1.5 V
Table 93 •
Internal Pull-Up or Pull-Down Resistors (Other I/Os)
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Condition
Internal pull-up resistor
RPU
26
39
64
k
Ω
3.3 V
Internal pull-down resistor
RPD
26
45
79
k
Ω
3.3 V
Internal pull-up resistor
RPU
33
53
93
k
Ω
2.5 V
Internal pull-down resistor
RPD
34
58
108
k
Ω
2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com