Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMI2C1-6C1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # HDMI2C1-6C1
Description  ESD protection and signal booster for HDMI source control stage interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI2C1-6C1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button HDMI2C1-6C1 Datasheet HTML 9Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 10Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 11Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 12Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 13Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 14Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 15Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 16Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Table 4. CEC electrical characteristics (Tamb = 25 °C, VDD_CEC = 3.3 V, VDD_CEC_IC = 1.8 V, unless otherwise
specified)
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
VTup_CEC
Upward input voltage threshold on bus side
2.0
V
VTdown_CEC Downward input voltage threshold on bus side
0.8
V
VHYST_CEC Input hysteresis on bus side
0.4
V
TRISE_CEC
Output rise-time
(10% to 90%)
RUP_CEC = 14.1 kΩ(1),
CCEC_CABLE = 7.9 nF (1)
250
µs
TFALL_CEC
Output fall-time
(90% to 10%)
50
µs
IOFF_CEC
Leakage current in
powered-off state
VDD_5V = 0 V, VDD_IC = 0
V, VDD_CEC = 3.3
1.8
µA
VIL_CEC_IC Input low level on IC side
0.5
V
VIH_CEC_IC
Input high level on
IC side
VDD_CEC_IC = 1.8 V
1.5
V
VDD_CEC_IC = 3.3 V
1.9
V
RON_CEC
On resistance
across CEC and
CEC_IC pins
CEC pin to 0 V
100
Ω
CIN_CEC
Input capacitance
on CEC link
VDD_5V = 0 V, VDD_CEC =
0 V,VDD_IC = 0 V, VBIAS =
0 V, f = 1 MHz, VOSC = 30
mV
25
30(2)
pF
1. Test conditions are compliant with the worst case CEC specification:
•
Correspond to two 27 kΩ +5% pull-up resistances in parallel (compliant with HDMI CTS)
•
Max capacitance corresponding to nine equipments chained on the CEC bus
2. Maximum capacitance allowed at connector output is 200 pF in the HDMI 1.4 specification.
Table 5. HDMI 5V_OUT current limiter electrical characteristics (Tamb = 25 °C, VDD_5V = 5 V, unless
otherwise specified)
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
VDROP
Drop-out voltage
I5V_OUT = 55mA
20
50
95(1)
mV
I5V_OUT Output current
V5V_OUT = 0V
55
115(2)
mA
VL_FAULT Low level on FAULT pin
RPU_FAULT = 10 kΩ
0.3
V
1. HDMI 1.4 specification requires a maximum of 100mV voltage-drop.
2. Maximum allowed output current is 500 mA when a sink is powered off in the HDMI 1.4 specification.
HDMI2C1-6C1
Electrical characteristics
DS9943 - Rev 4
page 13/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com