Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL-5903/S Datasheet(PDF) 2 Page - Tadiran Batteries GmbH

Part # TL-5903/S
Description  MODEL TL-5903
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TADIRN [Tadiran Batteries GmbH]
Direct Link  https://tadiranbatteries.de/
Logo TADIRN - Tadiran Batteries GmbH

TL-5903/S Datasheet(HTML) 2 Page - Tadiran Batteries GmbH

  TL-5903/S Datasheet HTML 1Page - Tadiran Batteries GmbH TL-5903/S Datasheet HTML 2Page - Tadiran Batteries GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◼
3.6 V Primary lithium-thionyl chloride (Li-SOCl2)
◼
Fast voltage recovery after long term storage and/or usage
◼
High energy density
◼
High and stable operating voltage
◼
Low self discharge rate
◼
Bobbin construction
◼
Hermetic glass-to-metal-sealing
◼
Non-flammable electrolyte
CELL FEATURES
TL-5903
Note: Any presentations in this data sheet concerning performance are for information purpose only and are not construed as
warranties either expressed or implied, of future performance.
iXtra - Long Term High Performance
ECN 1501879
Rev. F 04/2020
Page 2 of 2
MAIN APPLICATIONS
◼ Utility meters (elect., water &
gas)
◼ Automatic meter reading
◼ RF systems
◼ Sensors & monitoring systems
◼ Tracking systems
◼ Wireless security systems
◼ Automotive electronics
◼ Industrial electronics
◼ Ultra Low Power (ULP)
devices
◼ Others
◼ Cells should be stored in a
clean & dry (less than 30 %
RH) area
◼ Temp. should not exceed +30
ºC
STORAGE CONDITIONS
For updated information please visit
our website www.tadiranbat.com
VOLTAGE RESPONSE AFTER STORAGE
Af ter 1 year
Af ter 2 years
Af ter 5 years
Af ter 10 years
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
0
200
400
600
800
1000
1200
ms ec
Volts
VOLTAGE RESPONSE
After 1 year
After 5 years
After 10 years
3.1
3.2
3.3
3.4
3.5
0
20
40
60
80
100
120
ms ec
Volts
VOLTAGE RESPONSE
After 1 year
After 2 years
After 5 years
After 7 years
3.1
3.2
3.3
3.4
3.5
0
20
40
60
80
100
120
ms ec
Volts
Pulse applied:
20 mA for 100 msec
Temperature: RT
Background current:
20
mA
Pulse applied:
20 mA for 100 msec
Temperature: RT
Background current:
10
mA
Pulse applied:
20 mA for 1 sec
Storage: RT
Background current: None



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com