Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP157F-DK2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM32MP157F-DK2
Description  Discovery kits with increased-frequency 800 MHz STM32MP157 MPUs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157F-DK2 Datasheet(HTML) 4 Page - STMicroelectronics

  STM32MP157F-DK2 Datasheet HTML 1Page - STMicroelectronics STM32MP157F-DK2 Datasheet HTML 2Page - STMicroelectronics STM32MP157F-DK2 Datasheet HTML 3Page - STMicroelectronics STM32MP157F-DK2 Datasheet HTML 4Page - STMicroelectronics STM32MP157F-DK2 Datasheet HTML 5Page - STMicroelectronics STM32MP157F-DK2 Datasheet HTML 6Page - STMicroelectronics STM32MP157F-DK2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2.2
Codification
The meaning of the codification is explained in Table 2.
Table 2. Codification explanation
STM32MP1XXY-DKZ
Description
Example: STM32MP157F-DK2
STM32MP1
MPU series in STM32 Arm Cortex MPUs
STM32MP1 Series
XX
MPU product line in the series
STM32MP157
Y
Options:
•
D: basic security, 800 MHz increased frequency
•
F: Secure Boot, cryptography hardware, 800 MHz
increased frequency
Secure Boot, cryptography hardware,
800 MHz increased frequency
DKZ
Toolkit configuration:
•
DK1: basic
•
DK2: LCD, Wi
‑Fi®, and Bluetooth® Low Energy
LCD, Wi
‑Fi®, and Bluetooth® Low
Energy
STM32MP157D-DK1 STM32MP157F-DK2
Codification
DB4022 - Rev 2
page 4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com