Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2637 Datasheet(PDF) 2 Page - STMicroelectronics

Part # UM2637
Description  Discovery kits with increased-frequency 800 MHz STM32MP157 MPUs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2637 Datasheet(HTML) 2 Page - STMicroelectronics

  UM2637 Datasheet HTML 1Page - STMicroelectronics UM2637 Datasheet HTML 2Page - STMicroelectronics UM2637 Datasheet HTML 3Page - STMicroelectronics UM2637 Datasheet HTML 4Page - STMicroelectronics UM2637 Datasheet HTML 5Page - STMicroelectronics UM2637 Datasheet HTML 6Page - STMicroelectronics UM2637 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1
Description
The STM32MP157D-DK1 and STM32MP157F-DK2 Discovery kits leverage the capabilities of the increased-
frequency 800 MHz microprocessors in the STM32MP157 product line to allow users to develop applications
easily using STM32 MPU OpenSTLinux Distribution software for the main processor and STM32CubeMP1
software for the coprocessor.
They include an ST-LINK embedded debug tool, LEDs, push-buttons, one Ethernet 1-Gbit/s connector, one
USB Type-C® OTG connector, four USB Host Type-A connectors, one HDMI® transceiver, one stereo headset
jack with analog microphone, and one microSD™ connector.
To expand the functionality of the STM32MP157D-DK1 and STM32MP157F-DK2 Discovery kits, two GPIO
expansion connectors are also available for ARDUINO® and Raspberry Pi® shields.
Additionally, the STM32MP157F-DK2 Discovery kit features an LCD display with a touch panel, and Wi
‑Fi® and
Bluetooth® Low Energy capability.
STM32MP157D-DK1 STM32MP157F-DK2
Description
DB4022 - Rev 2
page 2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com