Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40275SPTS Datasheet(PDF) 30 Page - ABB

Part # OVR40275SPTS
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40275SPTS Datasheet(HTML) 30 Page - ABB

Back Button OVR40275SPTS Datasheet HTML 26Page - ABB OVR40275SPTS Datasheet HTML 27Page - ABB OVR40275SPTS Datasheet HTML 28Page - ABB OVR40275SPTS Datasheet HTML 29Page - ABB OVR40275SPTS Datasheet HTML 30Page - ABB OVR40275SPTS Datasheet HTML 31Page - ABB OVR40275SPTS Datasheet HTML 32Page - ABB OVR40275SPTS Datasheet HTML 33Page - ABB OVR40275SPTS Datasheet HTML 34Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
Surge
Pr
otective
Devices
16.28
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
16
16
Data line surge protection
OVR DIN rail SPD
OVR data line DIN Rail SPD
Catalog number
Maximum continuous
operating voltage (Uc)
Max. discharge current
(Imax, 8/20µs, kA)
OVRTC06V
7
10
OVRTC12V
14
10
OVRTC24V
27
10
OVRTC48V
53
10
OVRTC200V 1)
220
10
OVRTC200FR
220
10
1)
Connection type is parallel. All other parts, series.
Introduction
In order to ensure complete protection for equipment in a facility, telecommunication lines entering the installation must have surge
protection. Doing so will keep computers, fax machines and other data and communications equipment safe.
The main features of OVR data line surge protectors are:
• 10kA maximum discharge current
• Nominal voltage: 6, 12, 24, 48 and 200 VDC
• Visual life indicator
• UL 497B approved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com