Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV2 Datasheet(PDF) 50 Page - Schneider Electric

Part # GV2
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2 Datasheet(HTML) 50 Page - Schneider Electric

Back Button GV2 Datasheet HTML 46Page - Schneider Electric GV2 Datasheet HTML 47Page - Schneider Electric GV2 Datasheet HTML 48Page - Schneider Electric GV2 Datasheet HTML 49Page - Schneider Electric GV2 Datasheet HTML 50Page - Schneider Electric GV2 Datasheet HTML 51Page - Schneider Electric GV2 Datasheet HTML 52Page - Schneider Electric GV2 Datasheet HTML 53Page - Schneider Electric GV2 Datasheet HTML 54Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Dimensions
© 2001-2002 Schneider Electric All Rights Reserved
50
10/02
GV2 MOUNTING DIMENSIONS
GV2ME
GV2AD, AM AN, AU, AS, AX
GV2AE
LS1D30
X1 Electrical clearance = 1.8" (40 mm) for Ue
≤ 690 V
GV2P
GV2AD, AM, AN, AU, AS
GV2AK00
X2 = 1.8" (40 mm)
X1 Electrical clearance = 1.8" (40 mm) for Ue
≤ 415 V, or 3.2" (80 mm) for Ue = 440 V, or 4.7" (120 mm) for Ue = 500 and 690 V
Mounting of GV2M
On Panel with Adaptor Plate GV2AF02
On 1.4" (35 mm) rail
C = 78.5 on AM1DP200 (35 x 7.5)
C = 86 on AM1DE200, ED200 (35 x 15)
On Pre-slotted
Mounting Plate AM1PA
On Mounting Rail DZ5MB201
Mounting of GV2P
On Panel
On 1.4" (35 mm) rail
C = 98.5 on AM1DP200 (35 x 7.5)
C = 106 on AM1DE200, ED200 (35 x 15)
On Pre-slotted Mounting
Plate AM1PA
Adaptor Plate GK2AF01
GV2AF01
GV2M + K contactor combination
GV2M + GV1L3
(current limiter)
GV1F03
7.5 mm height compensation plate
X1 = 0.40" / 10 mm for Ue = 230 V or 1.2 " / 30 mm for 230 V < Ue
≤ 690 V
66
44
16
11
.43 .63
1.7
2.6
!
!
101
3.92
GV2ME
··3:
44.5
1.8
Block GV2AD, AM, AN
Block GV2AU, AS
9.3
81(1)
18
3.2
.71
.37
9.3
.37
15
.59
67.2
46
16
!
!
101
3.92
LS1D7323:
63
44.5
1.8
···
82
50
26
15
1.1
1.0
3.2
.59
44.5
1.8
Block GV2AD, AM, AN
Block GV2AU, AS
9.3
81(1)
18
3.2
.71
.37
9.3
.37
98
14
.55
3.9
44.5
1.8
c
80
3.1
4.2
35
1.4
1.7
AF1EA4
35
1.4
DZ5MB201
GV2AF02
DZ5ME8
35
1.4
15
.59
c
13.5
.53
AF1EA4
13.5
.53
24
9.5
.94
.37
45
1.8
54
2.1
È5.5
.22
79
3.1
45
1.8
77
3.0
44.5
1.8
35
1.4
13
.51
Dual Dimensions
inches
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com