Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40660PTS Datasheet(PDF) 40 Page - ABB

Part # OVR40660PTS
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40660PTS Datasheet(HTML) 40 Page - ABB

Back Button OVR40660PTS Datasheet HTML 36Page - ABB OVR40660PTS Datasheet HTML 37Page - ABB OVR40660PTS Datasheet HTML 38Page - ABB OVR40660PTS Datasheet HTML 39Page - ABB OVR40660PTS Datasheet HTML 40Page - ABB OVR40660PTS Datasheet HTML 41Page - ABB OVR40660PTS Datasheet HTML 42Page - ABB OVR40660PTS Datasheet HTML 43Page - ABB OVR40660PTS Datasheet HTML 44Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
Residual
Curr
ent
Devices
16.38
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
16
16
Test button and Test Wire
When the test button is pressed it allows the correct operation of the
device to be verified by passing a small current through the test wire. This
simulates a leakage to ground by creating an imbalance in the current
transformer (CT).
Test
button
Test
wire
Current Transformer and Sense Circuitry
The current transformer surrounds the neutral and L1 conductors. During
normal operation, all of the current being carried through the L1 conductor
returns up through the neutral conductor. Therefore the currents in the
two conductors are equal and opposite. When a leakage to ground
occurs it causes some of the current to take a path to ground and creates
an imbalance in the current between the two conductors. This imbalance
in current induces a current in the current transformer (CT) which is then
picked up by the sense circuitry. The sense circuitry then actuates the
solenoid and the contacts are forced apart by a spring, terminating the
electricity supply to the device.
Sense
circuitry
Solenoid
Current
transformer
Solenoid
Once an imbalance has been detected by the CT, there is voltage induced
on the CT. The voltage travels through the connected copper wires to the
sense circuitry and the solenoid is actuated. The plunger at the bottom of
the solenoid is then pushed out to trip the breaker.
Sense
circuitry
Current
transformer
Solenoid
Solenoid pin
Application manual
Mechanical operations
RCD Mechanical operation
Main Incoming Supply and Terminals
The main incoming and the grounded neutrals are connected to the
terminals. The operator handle places the RCD in the on and off position
as the position indicator shows.
Position
indicator
Terminals
Operator handle
Terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com