Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMZ Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # FMZ
Description  FMZ CONNECTOR 1.0mm pitch/Connectors for FFC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

FMZ Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  FMZ Datasheet HTML 1Page - JST Mfg. Co., Ltd. FMZ Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
FMZ CONNECTOR
Circuits
Model No.
Dimensions (mm)
AB
Material and Finish
Top entry type
Top entry type Side entry type
Side entry type
Q'ty/box
Contact: Phosphor bronze, copper-undercoated, tin-plated (reflow treatment)
Housing: Glass-filled PBT, UL94V-0
6
8
9
10
12
13
14
15
16
17
20
22
24
26
28
30
06FMZ-BT
08FMZ-BT
09FMZ-BT
10FMZ-BT
12FMZ-BT
13FMZ-BT
14FMZ-BT
15FMZ-BT
16FMZ-BT
17FMZ-BT
20FMZ-BT
22FMZ-BT
−
26FMZ-BT
28FMZ-BT
30FMZ-BT
06FMZ-ST
08FMZ-ST
−
10FMZ-ST
12FMZ-ST
13FMZ-ST
14FMZ-ST
15FMZ-ST
16FMZ-ST
17FMZ-ST
20FMZ-ST
22FMZ-ST
24FMZ-ST
26FMZ-ST
28FMZ-ST
30FMZ-ST
5.0
7.0
8.0
9.0
11.0
12.0
13.0
14.0
15.0
16.0
19.0
21.0
23.0
25.0
27.0
29.0
12.0
14.0
15.0
16.0
18.0
19.0
20.0
21.0
22.0
23.0
26.0
28.0
30.0
32.0
34.0
36.0
1,440
1,440
960
960
960
960
960
780
780
780
720
720
−
480
480
480
800
800
−
600
600
600
400
400
400
400
400
400
300
300
300
300
B
A
3.05
3.95
1
2
4.2
Circuit No.1
2.35
1
JST
1
A
B
3.5
Circuit No.1
6.5(When locked)
8
2
(6.2 )
When locked
Top entry type
Side entry type
(N+ 1)
1×
± 0.12
± 0.1
1
± 0.15
1
± 0.15
Conductor
Reinforcing layer
Base layer
1
± 0.1
0.7
± 0.1
(N− 1)
1×
Film cover layer
6∼22 circuits:0.3
22∼30 circuits:0.3∼0.35
± 0.05
Note: N --- Number of circuits
RoHS compliance This product displays (LF)(SN) on a label.
Connector
Lead section dimensions of FFC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com