Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME03 Datasheet(PDF) 52 Page - Schneider Electric

Part # ME03
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ME03 Datasheet(HTML) 52 Page - Schneider Electric

Back Button ME03 Datasheet HTML 48Page - Schneider Electric ME03 Datasheet HTML 49Page - Schneider Electric ME03 Datasheet HTML 50Page - Schneider Electric ME03 Datasheet HTML 51Page - Schneider Electric ME03 Datasheet HTML 52Page - Schneider Electric ME03 Datasheet HTML 53Page - Schneider Electric ME03 Datasheet HTML 54Page - Schneider Electric ME03 Datasheet HTML 55Page - Schneider Electric ME03 Datasheet HTML 56Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Dimensions
© 2001-2002 Schneider Electric All Rights Reserved
52
10/02
GV2 MOUNTING DIMENSIONS (CONTINUED)
Sets of Busbars GV2G445, GV2G454, GV2G472 with Terminal Block GV2G05
lp
GV2G454 (0.16 x 2.1 in/4 x 54 mm)
8.1 in (206 mm)
2.1 in (54 mm)
GV2G445 (0.16 x 1.8 in/4 x 45 mm)
7.0 in (179 mm)
1.8 in (45 mm)
GV2G472 (0.16 x 2.8 in/4 x 72 mm)
10.2 in (260 mm)
2.8 in (72 mm)
a
No. of Taps
5
6
7
8
GV2G454
10.2 in (260 mm)
12.4 in (314 mm)
14.5 in (368 mm)
16.6 in (422 mm)
GV2G445
8.8 in (224 mm)
10.6 in (269 mm)
12.4 in (314 mm)
14.1 in (359 mm)
GV2G472
13.1 in (332 mm)
15.9 in (404 mm)
18.7 in (476 mm)
21.6 in (548 mm)
Sets of Busbars with Terminal Block GV1G09
Sets of Busbars GV2G245, GV2G254, GV2G272
I
GV2G254 (0.08 x 2.1 in/2 x 54 mm)
3.9 in (98 mm)
GV2G245 (0.08 x 1.8 in/2 x 45 mm)
3.5 in (89 mm)
GV2G272 (0.08 x 2.8 in/2 x 72 mm)
4.6 in (116 mm)
Set of Busbars GV2G554
Set of Busbars GV2G354
l
3
.12
a
p
45
1.8
l
260
10.2
152
6.0
Dual Dimensions
inches
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com