Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATV320U07M2C Datasheet(PDF) 26 Page - Schneider Electric

Part # ATV320U07M2C
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ATV320U07M2C Datasheet(HTML) 26 Page - Schneider Electric

Back Button ATV320U07M2C Datasheet HTML 22Page - Schneider Electric ATV320U07M2C Datasheet HTML 23Page - Schneider Electric ATV320U07M2C Datasheet HTML 24Page - Schneider Electric ATV320U07M2C Datasheet HTML 25Page - Schneider Electric ATV320U07M2C Datasheet HTML 26Page - Schneider Electric ATV320U07M2C Datasheet HTML 27Page - Schneider Electric ATV320U07M2C Datasheet HTML 28Page - Schneider Electric ATV320U07M2C Datasheet HTML 29Page - Schneider Electric ATV320U07M2C Datasheet HTML 30Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
25
References (continued)
Variable speed drives
Altivar Machine ATV320
Option: braking resistors
Presentation:
page 4
Variable speed drives:
page 12
Combinations:
page 22
Dimensions:
page 44
References (continued)
For drives
Ohmic value
Average power
available at 50
°C/122 °F (1)
Length of
connection
cable
Reference
Weight
W
W
m/ft
kg/lb
IP 65 resistors
ATV320U02M2C…U07M2C,
ATV320U02M2B…U07M2B,
ATV320U04N4C,
ATV320U22N4C,
ATV320U04N4B,
ATV320U22N4B,
ATV320U07S6C,
ATV320U15S6C,
ATV320U22S6C,
ATV320U40S6C
100
25
0.75/ 2.46
VW3A7608R07
0.410/0.904
3.0/ 9.84
VW3A7608R30
0.760/1.675
ATV320U30N4C,
ATV320U40N4C,
ATV320U30N4B,
ATV320U40N4B
72
50
0.75/ 2.46
VW3A7606R07
0.930/2.050
3.0/ 9.84
VW3A7606R30
1.200/2.645
ATV320U11M2C,
ATV320U15M2C,
ATV320U11M2B,
ATV320U15M2B
72
25
0.75/ 2.46
VW3A7605R07
0.620/1.367
3.0/ 9.84
VW3A7605R30
0.850/1.874
ATV320U55N4B,
ATV320U75N4B
27
100
0.75/ 2.46
VW3A7604R07
1.420/3.131
3.0/ 9.84
VW3A7604R30
1.620/3.571
ATV320U22M2C,
ATV320U22M2B
27
50
0.75/ 2.46
VW3A7603R07
0.930/2.050
3.0/ 9.84
VW3A7603R30
1.200/2.645
(1) Load factor for resistors: the value of the average power that can be dissipated at 50 °C/122 °F from the resistor into the casing
is determined for a load factor during braking that corresponds to the majority of normal applications:- 2 s braking with a 0.6 Tn
braking torque for a 40 s cycle- 0.8 s braking with a 1.5 Tn braking torque for a 40 s cycle.
Nota: no optional IP65 braking resistors for ATV320U55S6C, ATV320U75S6C, ATV320D11S6C, ATV320D15S6C, and
ATV320pppM3C drives.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com