Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDR33BP112B--- Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CDR33BP112B---
Description  MIL-PRF-55681/Chips
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CDR33BP112B--- Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CDR33BP112B--- Datasheet HTML 1Page - Kyocera Kinseki Corpotation CDR33BP112B--- Datasheet HTML 2Page - Kyocera Kinseki Corpotation CDR33BP112B--- Datasheet HTML 3Page - Kyocera Kinseki Corpotation CDR33BP112B--- Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
110
MIL-PRF-55681/Chips
Part Number Example
CDR31 thru CDR35
T
W
L
D
t
Part Number Example
(example)
MIL Style
Voltage-Temperature Limits
Capacitance
Rated Voltage
Capacitance Tolerance
Termination Finish
Failure Rate
CDR31 BP 101 B
K
S
M
NOTE: Contact factory for availability of Termination and Tolerance Options for
Specific Part Numbers.
MIL Style: CDR31, CDR32, CDR33, CDR34, CDR35
Voltage-Temperature Limits:
BP = 0 ± 30 ppm/°C without voltage; 0 ± 30 ppm/°C with
rated voltage from -55°C to +125°C
BX = ±15% without voltage; +15 –25% with rated voltage from
-55°C to +125°C
Capacitance: Two digit figures followed by multiplier
(number of zeros to be added) e.g., 101 = 100 pF
Rated Voltage: A = 50V, B = 100V
Capacitance Tolerance:
B ± .10 pF, C ± .25 pF, D ± .5
pF, F ± 1%, J ± 5%, K ± 10%,
M ± 20%
Termination Finish:
M = Palladium silver
N = Silver-nickel-gold
S = Solder coated final with a minimum of 4 percent lead
T = Silver
U = Base metallization-barrier metal-solder coated
(tin/lead alloy, with a minimum of 4 percent lead)
W = Base metallization-barrier metal-tinned
(tin or tin/lead alloy)
Y = Base metallization-barrier metal-tin (100 percent)
Z = Base metallization-barrier metal-tinned
(tin/lead alloy, with a minimum of 4 percent lead)
*See MIL-PRF-55681 Specification for more details
Failure Rate Level:
M = 1.0%, P = .1%, R = .01%,
S = .001%
Packaging: Bulk is standard packaging. Tape and reel per RS481 is
available upon request.
CROSS REFERENCE: MIL-PRF-55681/CDR31 THRU CDR35
Per MIL-PRF-55681
Style
Length (L)
(mm)
Width (W)
(mm)
Thickness (T)
D
Termination Band (t)
Max. (mm)
Max. (mm)
Min. (mm)
Max. (mm)
CDR31
0805
2.00
1.25
1.3
.50
.70
.30
CDR32
1206
3.20
1.60
1.3
—
.70
.30
CDR33
1210
3.20
2.50
1.5
—
.70
.30
CDR34
1812
4.50
3.20
1.5
—
.70
.30
CDR35
1825
4.50
6.40
1.5
—
.70
.30
MILITARY DESIGNATION PER MIL-PRF-55681
080620
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
– surface mount ceramic capacitor products –


Similar Part No. - CDR33BP112B---

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR33BP112B AVX-CDR33BP112B Datasheet
60Kb / 4P
MIL-PRF-55681/Chips
More results

Similar Description - CDR33BP112B---

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CDR01BP101ABSM KEMET-CDR01BP101ABSM Datasheet
975Kb / 10P
CERAMIC CHIP/MIL-PRF-55681
logo
AVX Corporation
M123 AVX-M123 Datasheet
143Kb / 5P
MIL-PRF-123/Chips
logo
Kemet Corporation
CDR33BX104AKSR KEMET-CDR33BX104AKSR Datasheet
1Mb / 10P
CERAMIC CHIP/MIL-PRF-55681
logo
AVX Corporation
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
MIL-PRF-55681/Chips
CDR31BP471BFWP AVX-CDR31BP471BFWP Datasheet
51Kb / 4P
MIL-PRF-55681/Chips Part Number Example CDR31 thru CDR35
logo
Kemet Corporation
CDR33BX104AKSS KEMET-CDR33BX104AKSS Datasheet
1Mb / 10P
CERAMIC CHIP/MIL-PRF-55681
logo
AVX Corporation
CDR06BX474AKUR AVX-CDR06BX474AKUR Datasheet
44Kb / 2P
MIL-PRF-55681/Chips Part Number Example CDR01 thru CDR06
M123A11BXB104KS AVX-M123A11BXB104KS Datasheet
143Kb / 5P
MIL-PRF-123/Chips
CDR01-06 AVX-CDR01-06 Datasheet
46Kb / 2P
MIL-PRF-55681/Chips
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
MIL-PRF-55681/Chips
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com