Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTJD2152P Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTJD2152P
Description  Trench Small Signal MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJD2152P Datasheet(HTML) 1 Page - ON Semiconductor

  NTJD2152P Datasheet HTML 1Page - ON Semiconductor NTJD2152P Datasheet HTML 2Page - ON Semiconductor NTJD2152P Datasheet HTML 3Page - ON Semiconductor NTJD2152P Datasheet HTML 4Page - ON Semiconductor NTJD2152P Datasheet HTML 5Page - ON Semiconductor NTJD2152P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 3
1
Publication Order Number:
NTJD2152/D
NTJD2152P
Trench Small Signal
MOSFET
8 V, Dual P−Channel, SC−88
ESD Protection
Features
• Leading –8 V Trench for Low RDS(ON) Performance
• ESD Protected Gate
• Small Footprint (2 x 2 mm)
• Same Package as SC−70−6
• Pb−Free Packages are Available
Applications
• Load Power switching
• DC−DC Conversion
• Li−Ion Battery Charging Circuits
• Cell Phones, Media Players, Digital Cameras, PDAs
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−8.0
V
Gate−to−Source Voltage
VGS
±8.0
V
Continuous Drain
Current
(Based on RqJA)
Steady
State
TA = 25 °C
ID
−0.775
A
TA = 85 °C
−0.558
Power Dissipation
(Based on RqJA)
Steady
State
TA = 25 °C
PD
0.27
W
TA = 85 °C
0.14
Continuous Drain
Current
(Based on RqJL)
Steady
State
TA = 25 °C
ID
−1.1
A
TA = 85 °C
−0.8
Power Dissipation
(Based on RqJL)
Steady
State
TA = 25 °C
PD
0.55
W
TA = 85 °C
0.29
Pulsed Drain Current
t ≤10 ms
IDM
±1.2
A
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
150
°C
Continuous Source Current (Body Diode)
IS
−0.775
A
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
THERMAL RESISTANCE RATINGS (Note 1)
Parameter
Symbol
Typ
Max
Unit
Junction−to−Ambient – Steady State
RqJA
400
460
°C/W
Junction−to−Lead (Drain) – Steady State
RqJL
194
226
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface mounted on FR4 board using 1 oz Cu area = 0.9523 in sq.
Top View
MARKING DIAGRAM &
PIN ASSIGNMENT
http://onsemi.com
SOT−363
SC−88 (6 LEADS)
D1
G2
S2
S1
G1
6
5
4
1
2
3
V(BR)DSS
RDS(on) TYP
ID Max
−8 V
0.22 W @ −4.5 V
0.32 W @ −2.5 V
0.51 W @ −1.8 V
−0.775 A
D2
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
TA M G
G
1
6
1
TA
= Device Code
M
= Date Code
G
= Pb−Free Package
D1 G2 S2
S1 G1 D2
(Note: Microdot may be in either location)
SC−88/SOT−363
CASE 419B
STYLE 28


Similar Part No. - NTJD2152P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD2152P ONSEMI-NTJD2152P Datasheet
60Kb / 6P
Trench Small Signal MOSFET
January, 2004 ??Rev. 2
NTJD2152PT1 ONSEMI-NTJD2152PT1 Datasheet
60Kb / 6P
Trench Small Signal MOSFET
January, 2004 ??Rev. 2
NTJD2152PT1G ONSEMI-NTJD2152PT1G Datasheet
60Kb / 6P
Trench Small Signal MOSFET
January, 2004 ??Rev. 2
NTJD2152PT2 ONSEMI-NTJD2152PT2 Datasheet
60Kb / 6P
Trench Small Signal MOSFET
January, 2004 ??Rev. 2
NTJD2152PT2G ONSEMI-NTJD2152PT2G Datasheet
60Kb / 6P
Trench Small Signal MOSFET
January, 2004 ??Rev. 2
More results

Similar Description - NTJD2152P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2N7000 ETC1-CMT2N7000 Datasheet
118Kb / 5P
Small Signal MOSFET
logo
ON Semiconductor
NTJD4001N ONSEMI-NTJD4001N Datasheet
46Kb / 6P
Small Signal MOSFET
August, 2003 ??Rev. 0
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
NTJD2152P ONSEMI-NTJD2152P Datasheet
60Kb / 6P
Trench Small Signal MOSFET
January, 2004 ??Rev. 2
logo
SeCoS Halbleitertechnol...
2N7002DW SECOS-2N7002DW Datasheet
142Kb / 3P
Small Signal MOSFET
logo
Leshan Radio Company
L2N7002KDW1T1G LRC-L2N7002KDW1T1G_15 Datasheet
1Mb / 6P
Small Signal MOSFET
L2N7002KN3T5G LRC-L2N7002KN3T5G_15 Datasheet
230Kb / 5P
Small Signal MOSFET
L2N7002KWT1G LRC-L2N7002KWT1G_15 Datasheet
685Kb / 6P
Small Signal MOSFET
L2N7002M3T5G LRC-L2N7002M3T5G_15 Datasheet
173Kb / 4P
Small Signal MOSFET
logo
ON Semiconductor
NTJD4152P ONSEMI-NTJD4152P_15 Datasheet
75Kb / 5P
Trench Small Signal MOSFET
February, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com