Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1D32 Datasheet(PDF) 10 Page - Schneider Electric

Part # LS1D32
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LS1D32 Datasheet(HTML) 10 Page - Schneider Electric

Back Button LS1D32 Datasheet HTML 6Page - Schneider Electric LS1D32 Datasheet HTML 7Page - Schneider Electric LS1D32 Datasheet HTML 8Page - Schneider Electric LS1D32 Datasheet HTML 9Page - Schneider Electric LS1D32 Datasheet HTML 10Page - Schneider Electric LS1D32 Datasheet HTML 11Page - Schneider Electric LS1D32 Datasheet HTML 12Page - Schneider Electric LS1D32 Datasheet HTML 13Page - Schneider Electric LS1D32 Datasheet HTML 14Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Accessories Selection
© 2001-2002 Schneider Electric All Rights Reserved
10
10/02
GV2 ACCESSORIES
(1)
Mounting of a GVAE contact block or a GV2AK00 visible isolation block on GV2P and GV2L.
(2)
Choice of N/C or N/O contact operation, depending on which way round the reversible block is mounted, flip window 180°.
(3)
The GVAD is always mounted next to the circuit-protector.
■
For Spring terminals add 3 to the catalog number. Example: GV2ME013.
Auxiliary Contact Blocks
Description
Mounting Location
Max. No. of Blocks
Contact Type
Sold in Lots Of
Catalog Number
Weight / kg (lbs)
Instantaneous auxiliary contacts
Front (3)
1
N.O. or N.C. (1)
N.O. + N.C.
N.O. + N.O.
1
1
1
GVAE1
GVAE11 ■
GVAE20 ■
0.015 (0.03)
0.020 (0.04)
0.020 (0.04)
Left Hand Side
2
N.O. + N.C.
N.O. + N.O.
1
1
GVAN11 ■
GVAN20
■
0.050 (0.11)
0.050 (0.11)
Fault signalling contact +
instantaneous auxiliary contact
Left Hand Side (2)
1
N.O. (fault) + N.O.
N.O. (fault) + N.C.
N.C. (fault) + N.O.
N.C. (fault) + N.C.
1
1
1
1
GVAD1010
GVAD1001
GVAD0110
GVAD0101
0.055 (0.12)
0.055 (0.12)
0.055 (0.12)
0.055 (0.12)
Short circuit signalling contact
Left Hand Side
1
SPDT
1
GV2AM11
0.045 (0.10)
GV2AK00
GV2V02
GV1L3
GVAD
GVAM11
GVAM11
GVAN
GVAN
GV2P
GV2ME
GVAU
GVAS
GVAE1 (N.C.)
GVAE1 (N.O.)
Flip window cover 180˚
GVAE11, AE20
LS1D30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com