Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

895101264 Datasheet(PDF) 1 Page - ITT Industries

Part # 895101264
Description  AUXILIARY ACTUATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

895101264 Datasheet(HTML) 1 Page - ITT Industries

  895101264 Datasheet HTML 1Page - ITT Industries 895101264 Datasheet HTML 2Page - ITT Industries 895101264 Datasheet HTML 3Page - ITT Industries 895101264 Datasheet HTML 4Page - ITT Industries 895101264 Datasheet HTML 5Page - ITT Industries 895101264 Datasheet HTML 6Page - ITT Industries 895101264 Datasheet HTML 7Page - ITT Industries 895101264 Datasheet HTML 8Page - ITT Industries 895101264 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ALS-1 LEAF
ALS-2 LEAF (Low Motion)
AWS-1 LEAF ROLLER
AWS-2 LEAF ROLLER (Low Motion)
AUXILIARY ACTUATORS
L
C&K Hardware
L-6
www.ittcannon.com
ITT Industries
Cannon
Easy to assemble auxiliary actuators for the MM Series provides the end-user with the capability to operate the switch with force
not directly in line with the operating button. Actuators are available in either the plain-leaf or roller-leaf style. Each actuator kit
consists of the stainless steel spring-leaf with an integral side mounting plate, flexible insulator, two (2) #2-56 x 7/16” roundhead
screws, with lockwashers and hex nuts. Actuator and hardware are supplied unassembled. Specially formed auxiliary actuators
are available, consult Customer Service Center.


Similar Part No. - 895101264

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8951 ETC2-8951 Datasheet
56Kb / 1P
8940 THRU 8925 8955 THRU 8961
logo
ATMEL Corporation
895132-IL ATMEL-895132-IL Datasheet
1Mb / 182P
USB Microcontroller with 64K Bytes Flash Memory
895132-UL ATMEL-895132-UL Datasheet
1Mb / 182P
USB Microcontroller with 64K Bytes Flash Memory
logo
Weidmuller
8951330000 WEIDMULLER-8951330000 Datasheet
98Kb / 4P
CP M SNT 70W 24V 3A
8951340000 WEIDMULLER-8951340000 Datasheet
99Kb / 4P
CP M SNT 120W 24V 5A
More results

Similar Description - 895101264

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112LCW NKK-M2112LCW Datasheet
292Kb / 8P
LED Tipped Actuators
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
Multilayer Piezoelectric Actuators
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
Piezoelectric Actuators
logo
Kemet Corporation
AE0505D44H40DF KEMET-AE0505D44H40DF Datasheet
476Kb / 13P
Multilayer Piezoelectric Actuators
ASB170C801ND0LF KEMET-ASB170C801ND0LF Datasheet
460Kb / 12P
Multilayer Piezoelectric Actuators
logo
Copal Electronics
PLG10-8000 COPAL-PLG10-8000 Datasheet
217Kb / 2P
STEPPING ACTUATORS
logo
promoco-motors.com
39BYGL PROMOCO-39BYGL Datasheet
301Kb / 1P
Hybrid Linear Actuators
42BYGL PROMOCO-42BYGL Datasheet
319Kb / 1P
Hybrid Linear Actuators
57BYGHL PROMOCO-57BYGHL Datasheet
350Kb / 1P
Hybrid Linear Actuators
logo
Littelfuse
57050-000 LITTELFUSE-57050-000 Datasheet
248Kb / 1P
Magnets and Actuators
11/03/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com