Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYD52 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BYD52
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD52 Datasheet(HTML) 4 Page - NXP Semiconductors

  BYD52 Datasheet HTML 1Page - NXP Semiconductors BYD52 Datasheet HTML 2Page - NXP Semiconductors BYD52 Datasheet HTML 3Page - NXP Semiconductors BYD52 Datasheet HTML 4Page - NXP Semiconductors BYD52 Datasheet HTML 5Page - NXP Semiconductors BYD52 Datasheet HTML 6Page - NXP Semiconductors BYD52 Datasheet HTML 7Page - NXP Semiconductors BYD52 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1998 Dec 03
4
Philips Semiconductors
Preliminary specification
Fast soft-recovery controlled
avalanche rectifiers
BYD52 series
GRAPHICAL DATA
a = 1.42; VR =VRRMmax; δ = 0.5.
Device mounted as shown in Fig.6.
Fig.2
Maximum permissible average forward
current as a function of ambient temperature
(including losses due to reverse leakage).
handbook, halfpage
0
200
0.5
0
0.1
0.2
0.3
0.4
40
80
120
IF(AV)
(A)
160
MDA810
Tamb (°C)
Fig.3
Maximum permissible junction temperature
as a function of reverse voltage.
handbook, halfpage
0
200
VR (V)
400
GJ
600
200
0
160
120
80
40
MDA813
Tj
(
°C)
Solid line: Tj =25 °C.
Dotted line: Tj = 175 °C.
Fig.4
Forward current as a function of forward
voltage; typical values.
handbook, halfpage
02
4
VF (V)
8
10
0
8
6
6
4
2
MDA819
IF
(A)
Fig.5
Reverse current as a function of junction
temperature; typical values.
VR =VRRMmax.
handbook, halfpage
200
0
40
80
120
160
102
10
1
10−1
10−2
MDA824
Tj (°C)
IR
(
µA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com