Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYD57D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BYD57D
Description  Ultra-fast soft-recovery controlled avalanche rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD57D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BYD57D Datasheet HTML 4Page - NXP Semiconductors BYD57D Datasheet HTML 5Page - NXP Semiconductors BYD57D Datasheet HTML 6Page - NXP Semiconductors BYD57D Datasheet HTML 7Page - NXP Semiconductors BYD57D Datasheet HTML 8Page - NXP Semiconductors BYD57D Datasheet HTML 9Page - NXP Semiconductors BYD57D Datasheet HTML 10Page - NXP Semiconductors BYD57D Datasheet HTML 11Page - NXP Semiconductors BYD57D Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1999 Nov 11
9
Philips Semiconductors
Product specification
Ultra-fast soft-recovery
controlled avalanche rectifiers
BYD57 series
BYD57U and V
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.
Fig.14 Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
01
2
3
4
4
3
1
0
2
MGM270
IF
(A)
VF (V)
VR =VRRMmax.
Fig.15 Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
200
0
10 3
MGC532
10
2
10
1
100
Tj ( C)
o
IR
(
µA)
f = 1 MHz; Tj =25 °C.
Fig.16 Diode capacitance as a function of reverse
voltage; typical values.
handbook, halfpage
1
MGC524
10
102
10
3
1
10 2
10
C
d
(pF)
V
R
(V)
MSB213
4.5
2.5
1.25
50
50
Fig.17 Printed-circuit board for surface mounting.
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com