Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8150CDS Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8150CDS
Description  Single Channel 12-bit CIS/CCD AFE with 4-bit Wide Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8150CDS Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8150CDS Datasheet HTML 17Page - Wolfson Microelectronics plc WM8150CDS Datasheet HTML 18Page - Wolfson Microelectronics plc WM8150CDS Datasheet HTML 19Page - Wolfson Microelectronics plc WM8150CDS Datasheet HTML 20Page - Wolfson Microelectronics plc WM8150CDS Datasheet HTML 21Page - Wolfson Microelectronics plc WM8150CDS Datasheet HTML 22Page - Wolfson Microelectronics plc WM8150CDS Datasheet HTML 23Page - Wolfson Microelectronics plc WM8150CDS Datasheet HTML 24Page - Wolfson Microelectronics plc WM8150CDS Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Production Data
WM8150
w
PD Rev 4.1 February 2005
21
DEVICE CONFIGURATION
REGISTER MAP
The following table describes the location of each control bit used to determine the operation of the
WM8150. The register map is programmed by writing the required codes to the appropriate
addresses via the serial interface.
BIT
ADDRESS
<a5:a0>
DESCRIPTION
DEF
(hex)
RW
b7
b6
b5
b4
b3
b2
b1
b0
000001
Setup Reg 1
0F
RW
0
MODE3
PGAFS[1]
PGAFS[0]
1
1
CDS
EN
000010
Setup Reg 2
23
RW
DEL[1]
DEL[0]
RLCDACRNG
0
VRLCEXT
INVOP
1
1
000011
Setup Reg 3
1F
RW
0
0
CDSREF [1]
CDSREF [0]
RLCV[3]
RLCV[2]
RLCV[1]
RLCV[0]
000100
Software Reset
00
W
000110
Setup Reg 4
05
RW
0
0
INTM[1]
INTM[0]
RLCINT
1
0
1
000111
Revision Number
41
R
0
1
0
0
0
0
0
1
001000
Setup Reg 5
00
RW
0
0
0
POSNNEG
VDEL[2]
VDEL[1]
VDEL[0]
VSMPDET
001001
Test Reg 1
00
RW
TCLK
0
0
0
0
0
0
0
001010
Reserved
00
RW
0
0
0
0
0
0
0
0
001011
Reserved
00
RW
0
0
0
0
0
0
0
0
001100
Reserved
00
RW
0
0
0
0
0
0
0
0
100000
DAC Value (Red)
80
RW
DACR[7]
DACR[6]
DACR[5]
DACR[4]
DACR[3]
DACR[2]
DACR[1]
DACR[0]
100001
DAC Value
(Green)
80
RW
DACG[7]
DACG[6]
DACG[5]
DACG[4]
DACG[3]
DACG[2]
DACG[1]
DACG[0]
100010
DAC Value (Blue)
80
RW
DACB[7]
DACB[6]
DACB[5]
DACB[4]
DACB[3]
DACB[2]
DACB[1]
DACB[0]
100011
DAC Value (RGB)
80
W
DAC[7]
DAC[6]
DAC[5]
DAC[4]
DAC[3]
DAC[2]
DAC[1]
DAC[0]
101000
PGA Gain (Red)
00
RW
PGAR[7]
PGAR[6]
PGAR[5]
PGAR[4]
PGAR[3]
PGAR[2]
PGAR[1]
PGAR[0]
101001
PGA Gain
(Green)
00
RW
PGAG[7]
PGAG[6]
PGAG[5]
PGAG[4]
PGAG[3]
PGAG[2]
PGAG[1]
PGAG[0]
101010
PGA Gain (Blue)
00
RW
PGAB[7]
PGAB[6]
PGAB[5]
PGAB[4]
PGAB[3]
PGAB[2]
PGAB[1]
PGAB[0]
101011
PGA Gain (RGB)
00
W
PGA[7]
PGA[6]
PGA[5]
PGA[4]
PGA[3]
PGA[2]
PGA[1]
PGA[0]
Table 4 Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com