Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8216 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8216
Description  60MSPS 10-bit 2-channel CCD Digitiser
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8216 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8216_07 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8216_07 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8216_07 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8216_07 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8216_07 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8216_07 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8216_07 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8216_07 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8216_07 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
WM8216
Production Data
w
PD Rev 4.0 March 2007
21
DEVICE CONFIGURATION
REGISTER MAP
The following table describes the location of each control bit used to determine the operation of the
WM8216.
BIT
ADDRESS
<a5:a0>
DESCRIPTION
DEF
(hex)
RW
b7
b6
b5
b4
b3
b2
b1
b0
000001 (01h) Setup Reg 1
03
RW
0
0
PGAFS[1]
PGAFS[0]
TWOCHAN
MONO
CDS
EN
000010 (02h) Setup Reg 2
20
RW
DEL[1]
DEL[0]
RLCDACRNG
LOWREFS
OPD
INVOP
0
0
000011 (03h) Setup Reg 3
1F
RW
0
CHAN
CDSREF [1]
CDSREF [0]
RLCDAC[3]
RLCDAC[2]
RLCDAC[1]
RLCDAC[0]
000100 (04h) Software Reset
00
W
000110 (06h) Reserved
00
RW
0
0
0
0
0
0
0
0
000111 (07h) Setup Reg 5
00
RW
0
VRXPD
ADCREFPD
VRLCDACPD
ADCPD
0
EVENPD
ODDPD
001000 (08h) Setup Reg 6
20
RW
0
CLAMPCTRL
RLCEN
0
0
0
0
0
001001 (09h) Reserved
00
RW
0
0
0
0
0
0
0
0
001010 (0Ah) Reserved
00
RW
0
0
0
0
0
0
0
0
001011 (0Bh) Reserved
00
RW
0
0
0
0
0
0
0
0
001100 (0Ch) Reserved
00
RW
0
0
0
0
0
0
0
0
100000 (20h) DAC Value (Odd)
80
RW
DACO[7]
DACO[6]
DACO[5]
DACO[4]
DACO[3]
DACO[2]
DACO[1]
DACO[0]
100001 (21h) DAC Value (Even)
80
RW
DACE[7]
DACE[6]
DACE[5]
DACE[4]
DACE[3]
DACE[2]
DACE[1]
DACE[0]
100010 (22h) Reserved
80
RW
1
0
0
0
0
0
0
0
100011 (23h) DAC Value (Odd&Even)
80
W
DACOE[7]
DACOE[6]
DACOE[5]
DACOE[4]
DACOE[3]
DACOE[2]
DACOE[1]
DACOE[0]
100100 (24h) PGA Gain LSB (Odd)
00
RW
0
0
0
0
0
0
0
PGAO[0]
100101 (25h) PGA Gain LSB (Even)
00
RW
0
0
0
0
0
0
0
PGAE[0]
100110 (26h) Reserved
00
RW
0
0
0
0
0
0
0
0
100111 (27h) PGA Gain LSB
(Odd&Even)
00
W
0
0
0
0
0
0
0
PGAOE[0]
101000 (28h) PGA Gain MSBs (Odd)
00
RW
PGAO[8]
PGAO[7]
PGAO[6]
PGAO[5]
PGAO[4]
PGAO[3]
PGAO[2]
PGAO[1]
101001 (29h) PGA Gain MSBs (Even)
00
RW
PGAE[8]
PGAE[7]
PGAE[6]
PGAE[5]
PGAE[4]
PGAE[3]
PGAE[2]
PGAE[1]
101010 (2Ah) Reserved
00
RW
0
0
0
0
0
0
0
0
101011 (2Bh) PGA Gain MSBs
(Odd&Even)
00
W
PGAOE[8]
PGAOE[7]
PGAOE[6]
PGAOE[5]
PGAOE[4]
PGAOE[3]
PGAOE[2]
PGAOE[1]
Table 5 Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com