Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8216SEFL Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8216SEFL
Description  60MSPS 10-bit 2-channel CCD Digitiser
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8216SEFL Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8216SEFL Datasheet HTML 5Page - Wolfson Microelectronics plc WM8216SEFL Datasheet HTML 6Page - Wolfson Microelectronics plc WM8216SEFL Datasheet HTML 7Page - Wolfson Microelectronics plc WM8216SEFL Datasheet HTML 8Page - Wolfson Microelectronics plc WM8216SEFL Datasheet HTML 9Page - Wolfson Microelectronics plc WM8216SEFL Datasheet HTML 10Page - Wolfson Microelectronics plc WM8216SEFL Datasheet HTML 11Page - Wolfson Microelectronics plc WM8216SEFL Datasheet HTML 12Page - Wolfson Microelectronics plc WM8216SEFL Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
WM8216
Production Data
w
PD Rev 4.0 March 2007
9
Test Conditions
AVDD = DVDD1 = DVDD2 = 3.3V, AGND = DGND = 0V, TA = 25
°C, MCLK = 60MHz for 2-channel mode and 45MHz for 1-
channel mode unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
MCLK period – 2 channel mode
1 channel mode
tPER
16.6
22.2
ns
MCLK high period – 2 channel mode
1 channel mode
tMCLKH
7.5
8.3
11.1
ns
MCLK low period – 2 channel mode
1 channel mode
tMCLKL
7.5
8.3
11.1
ns
RSMP pulse high time
tRSD
5
ns
VSMP pulse high time
tVSD
5
ns
RSMP falling to VSMP rising time
tRSFVSR
0
ns
MCLK rising to VSMP rising time
tMRVSR
3
ns
MCLK falling to VSMP falling time
tMFVSF
5
ns
VSMP falling to MCLK rising time
2
tVSFMR
1
ns
1
st MCLK falling edge after VSMP
falling to RSMP rising time
tMF1RS
1
ns
2-channel mode pixel rate
tPR2
33.2
ns
1-channel mode pixel rate
tPR1
16.6
ns
Output propagation delay
tPD
5
10
ns
Output latency. From 1
st rising edge
of MCLK after VSMP falling to data
output
LAT
7
MCLK
periods
Notes:
1.
Parameters are measured at 50% of the rising/falling edge.
2.
In 1-Channel mode, if the VSMP falling edge is placed more than 3ns before the rising edge of MCLK the output
amplitude of the WM8216 will decrease.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com