Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580GEFT/V Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8580GEFT/V
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580GEFT/V Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8580GEFT/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8580GEFT/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8580GEFT/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8580GEFT/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8580GEFT/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8580GEFT/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8580GEFT/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8580GEFT/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8580GEFT/V Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
Production Data
WM8580
w
PD Rev 4.0 February 2007
57
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS BIT
DEFAULT
DESCRIPTION
0
MAXWL
32
1
Maximum Audio sample word length
0 = 20 bits
1 = 24 bits
Audio Sample Word Length.
000 = Word Length Not Indicated
TXWL[2:0]
MAXWL==1
MAXWL==0
001
20 bits
16 bits
010
22 bits
18 bits
100
23 bits
19 bits
101
24 bits
20 bits
110
21 bits
17 bits
3:1
TXWL[2:0]
35:33
101
All other combinations reserved
R35
SPDTXCHAN 5
23h
7:4
ORGSAMP
[3:0]
39:36
0000
Original Sampling Frequency. See S/PDIF
specification for details.
0000 = original sampling frequency not
indicated
Table 53 S/PDIF Transmitter Channel Bit Control 5
S/PDIF RECEIVER
INPUT SELECTOR
The S/PDIF receiver has one dedicated input, SPDIFIN1. This pin is a IEC-60958-3-compatible
comparator input by default or, if SPDIFIN1MODE is set, the pin will be a CMOS-compatible input.
There are three other pins which can be configured as either S/PDIF inputs or general purpose
outputs (GPOs). The four S/PDIF inputs are multiplexed to allow one input to go to the S/PDIF
receiver for decoding. The S/PDIF receiver can be powered down using the SPDIFRXD register bit.
Table 54 S/PDIF Receiver Input Selection Register
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
SPDIFIN1MODE
1
Selects the input circuit type for the SPDIFIN1 input
0 = CMOS-compatible input
1 = Comparator input. Compatible with 500mVpp AC
coupled consumer S/PDIF input signals as defined in
IEC60958-3.
R36
SPDMODE
24h
2:1
RXINSEL[1:0]
00
S/PDIF Receiver input mux select.
The general purpose inputs must be configured using
GPOxOP to be either CMOS or comparator inputs if
selected by RXINSEL.
00 = Select SPDIFIN1
01 = Select SPDIFIN2 (MFP3)
10 = Select SPDIFIN3 (MFP4)
11 = Select SPDIFIN4 (MFP5)
3:0
GPO3OP[3:0]
0010
R39
GPO2
26h
7:4
GPO4OP[3:0]
0011
R40
GPO3
27h
3:0
GPO5OP[3:0]
0100
GPO pin Configuration Select.
1110 = Set GPO as S/PDIF input (CMOS-compatible
input).
1111 = Set GPO as S/PDIF input (compatible with
500mVpp AC coupled consumer S/PDIF input signals
as defined in IEC-60958-3).
For GPO defaults, see Table 66.
R51
PWRDN 2
33h
5
SPDIFRXD
1
S/PDIF Receiver powerdown.
0 = S/PDIF Receiver enabled
1 = S/PDIF Receiver disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com