Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
WM8580
Production Data
W
PD Rev 4.0 February 2007
52
OSC
CLK
(MHz)
PRE-
SCALE_X
S/PDIF RECEIVER
SAMPLE RATE(S) (kHz)
F1
(MHz)
F2
(MHz)
R
PLLB_N
(Hex)
PLLB_K
(Hex)
COMMENT
11.2896
0
32 / 44.1 / 48 / 88.2 / 96
11.2896 94.3104 8.3537
8
16A3B3
Set N, K
11.2896
0
192
11.2896 98.304 8.7075
8
2D4766
Set N, K
12
0
32 / 44.1 / 48 / 88.2 / 96
12
94.3104 7.8592
7
36FD21
Default Setting
12
0
192
12
98.304
8.192
8
C49BA
Set N, K
12.288
0
32 / 44.1 / 48 / 88.2 / 96
12.288 94.3104 7.675
7
2B3333
Set K
12.288
0
192
12.288
98.304
8
8
0
Set N, K
19.2
1
32 / 44.1 / 48 / 88.2 / 96
9.6
94.3104 9.824
9
346C6A
Set Prescales, N, K
19.2
1
192
9.6
98.304
10.24
A
F5C28
Set Prescales, N, K
24
1
32 / 44.1 / 48 / 88.2 / 96
12
94.3104 7.8592
7
36FD21
Set Prescales
24
1
192
12
98.304
8.192
8
C49BA
Set Prescales, N, K
27
1
32 / 44.1 / 48 / 88.2 / 96
13.5
94.3104 6.986
6
3F19E5
Set Prescales, N, K
27
1
192
13.5
98.304 7.2818
7
1208A5
Set Prescales, K
Table 47 S/PDIF Receive Mode PLLB Initial Configuration Examples
The recommended configuration sequences are as follows:
TO INITIALLY CONFIGURE THE SYSTEM FOR S/PDIF RECEIVER STARTUP:
1.
Write
appropriate
calculated
values
(relative
to
oscillator
frequency)
to
PRESCALE_A, PRESCALE_B, PLLB_N and PLLB_K for 32/44.1/48/88.2/96kHz
(modes 2/3/4) S/PDIF receiver sample rate operation.
2.
Enable PLLA and PLLB by clearing the PLLAPD and PLLBPD bits.
3.
Enable S/PDIF receiver by clearing the SPDIFRXPD and SPDIFPD bits.
4.
Read S/PDIF Status Register REC_FREQ[1:0] bits to identify recovered S/PDIF
sample frequency and clocking mode.
5.
If indicated sample rate is 192kHz, write appropriate calculated values (relative to
oscillator frequency) to PRESCALE_A, PRESCALE_B, PLLB_N and PLLB_K (as
appropriate) for 192kHz (mode 1) S/PDIF receiver sample rate operation.
TO CONFIGURE THE SYSTEM WHEN CLOCKING MODE (SAMPLE RATE) CHANGES TO OR
FROM MODE 1 (192KHZ):
Any sample rate change between clocking modes (for example, from 44.1kHz (mode 3) to 192kHz
(mode 1)) will be flagged to the application processor via the INT interrupt flag. The application
processor must then read the Interrupt Status Register. If the UPD_REC_FREQ flag is set, indicating
that the clocking mode has changed, proceed as follows:
1.
Read S/PDIF Status Register REC_FREQ[1:0] bits to identify recovered S/PDIF
sample rate frequency and clocking mode.
2.
Write
appropriate
calculated
values
(relative
to
oscillator
frequency)
to
PRESCALE_A, PRESCALE_B, PLLB_N and PLLB_K based on indicated recovered
S/PDIF sample frequency and clocking mode.
This procedure is only strictly necessary when switching to or from 192kHz (mode 1) because the
PRESCALE_A,
PRESCALE_B,
PLLB_N
and
PLLB_K
values
are
the
same
for
32/44.1/48/88.2/96kHz (modes 2/3/4) sample rate operation. It is, however, good interrupt service
routine practice to write the appropriate PRESCALE_A, PRESCALE_B, PLLB_N and PLLB_K values
when every clocking mode change is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com