Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8706 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8706
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8706 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8706 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
WM8706
Production Data
w
PD Rev 4.1 July 2005
13
AUDIO DATA SAMPLING RATES
The master clock for WM8706 supports audio sampling rates from 128fs to 768fs, where fs is
the audio sampling frequency (LRCIN) typically 32kHz, 44.1kHz, 48kHz, 96kHz or 192kHz. The
master clock is used to operate the digital filters and the noise shaping circuits.
The WM8706 has a master clock detection circuit that automatically determines the relation
between the master clock frequency and the sampling rate (to within +/- 32 master clocks). If
there is a greater than 8 clocks error, the interface shuts down the DAC and mutes the output.
The master clock should be synchronised with LRCIN, although the WM8706 is tolerant of
phase differences or jitter on this clock.
MASTER CLOCK FREQUENCY (MHZ) (XTI)
SAMPLING
RATE
(LRCIN)
128fs
192fs
256fs
384fs
512fs
768fs
32kHz
4.096
6.144
8.192
12.288
16.384
24.576
44.1kHz
5.6448
8.467
11.2896
16.9340
22.5792
33.8688
48kHz
6.114
9.216
12.288
18.432
24.576
36.864
96kHz
12.288
18.432
24.576
36.864
Unavailable
Unavailable
192kHz
24.576
36.864
Unavailable
Unavailable
Unavailable
Unavailable
Table 1 Typical Relationships Between System Frequency and Sampling Rates.
HARDWARE CONTROL MODES
When the MODE pin is held low, the following hardware modes of operation are available.
MUTE AND AUTOMUTE OPERATION
In both hardware and software modes, pin 25 (MUTEB) controls selection of MUTE directly,
and can be used to enable and disable the automute function. Automute is enabled by leaving
MUTEB pin floating, it is disabled by applying a signal to the pin. When left floating this pin
becomes an output and indicates infinite ZERO detect (IZD), see also pin 5 (ZERO).
The
status of IZD controls the selection of MUTE when automute is enabled. When IZD is detected
MUTE is enabled and when IZD is not detected MUTE is disabled.
MUTEB PIN
DESCRIPTION
0
Mute DAC channels
1
Normal Operation
Floating
Enable IZD, MUTEB becomes an output to indicate when IZD occurs.
Table 2 Mute and Automute Control
ZERO PIN
DESCRIPTION
0
Indicates Infinite Zero detected from the digital input.
1
Indicates Infinite Zero not detected from the digital input.
Table 3 Zero Pin Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com