Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8720SEDS/R Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8720SEDS/R
Description  24-bit, 96kHz Stereo DAC with Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8720SEDS/R Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8720SEDS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
WM8720
Production Data
w
PD Rev 4.0 February 2005
10
MODES OF OPERATION
Control of the various modes of operation is either by software control over the serial interface, or
by hard-wired pin control. Selection of software or hardware mode is via MODE pin. The following
functions may be controlled either via the serial control interface or by hard wiring of the
appropriate pins.
FUNCTION
OPTIONS
SOFTWARE CONTROL
DEFAULT VALUE
PIN 18: MODE = 0
HARDWARE CONTROL
BEHAVIOUR
PIN 18: MODE = 1
Input audio
data format
Normal format
I
2S format
I
2S = 0 (default)
I
2S = 1
Pin 4, 5: ML/ I
2S, MC/IWL =
00 or 01 or 10
Pin 4, 5: ML/I
2S, MC/IWL = 11
Input word length
16
18
20
24
IW[1:0] = 00 (default)
IW[1:0] = 11
IW[1:0] = 01
IW[1:0] = 10
Pin 4, 5: ML/I
2S, MC/IWL = 00
Pin 4, 5: ML/I
2S, MC/IWL = 11
(I
2S only)
Pin 4, 5: ML/I
2S, MC/IWL = 01
Pin 4, 5: ML/I
2S, MC/IWL = 10
De-emphasis selection
On
Off
DE = 1
DE = 0 (default)
Pin 6: MD/DM = 1
Pin 6: MD/DM = 0
Mute
On
Off
MU = 1
MU = 0 (default)
Pin 17: MUTE = 1
Pin 17: MUTE = 0
Power down control
WM8720 on
WM8720 off
Available from Pin 1: PWDN
Pin 1: PWDN = 0
Pin 1: PWDN = 1
Input LRCIN polarity
Lch/Rch = High/low
Lch/Rch = Low/high
LRP = 0 (default)
LRP = 1
Not available in hardware mode,
default value set
Volume control
Lch, Rch individually
Lch, Rch common
ATC = 0; 0dB (default)
ATC = 1
Not available in hardware mode,
default 0dB
Infinite zero detect
On
Off
IZD = 1
IZD = 0 (default)
Operation enable (OPE)
Enabled
Disabled
OPE = 0 (default)
OPE = 1
Automute function controlled
from MUTE pin
Low = not mute
Z = automute enable
High = muted
DAC output control
See Table 11
for all options
Default is PL[3:0] = 1001,
stereo mode
Not available in hardware mode
Table 3 Control Function Summary
HARDWARE CONTROL MODES
When the MODE pin is held high the following hardware modes of operation are available.
MUTE AND AUTOMUTE OPERATION
In both hardware and software modes pin 17 (MUTE) controls selection of mute directly, and can be
used to enable and disable the automute function, or as an output of the automuted signal.
IZD (Register Bit)
AUTOMUTED
(Internal Signal)
10k
Ω
ΩΩ
Ω
MU (Register Bit)
SOFTMUTE
(Internal Signal)
MUTE
PIN
Figure 6 Mute Circuit Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com