Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8729 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8729
Description  24-bit, 192kHz Stereo DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8729 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8729 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
WM8729
Production Data
w
PD Rev 4.1 June 2006
11
HARDWARE CONTROL MODES
The WM8729 is hardware programmable providing the user with options to select input audio data
format, de-emphasis and mute.
MUTE AND AUTOMUTE OPERATION
Pin 14 (MUTEB) controls selection of MUTE directly, and can be used to enable and disable the
automute function, or as an output of the automuted signal.
MUTEB PIN
DESCRIPTION
0
Mute DAC channels
1
Normal Operation
Floating
Enable IZD, MUTEB becomes an output to indicate when IZD occurs.
Table 2 Mute and Automute Control
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
0.001
0.002
0.003
0.004
0.005
0.006
Time(s)
Figure 5 Application and Release of MUTEB
The MUTEB pin is an input to select mute or not mute. MUTEB is active low; taking the pin low
causes the filters to soft mute, ramping down the audio signal over a few milliseconds. Taking
MUTEB high again allows data into the filter. Refer to Figure 5.
The Infinite Zero Detect (IZD) function detects a series of zero value audio samples of 1024
samples long being applied to both channels. After such an event, a latch is set whose output
(AUTOMUTED) is connected through a 10k
Ω resistor to the MUTEB pin. Thus if the MUTEB pin
is not being driven, the automute function will assert mute.
If MUTEB is tied high, AUTOMUTED is overridden and will not mute. If MUTEB is driven from a
bi-directional source, then both MUTE and automute functions are available. If MUTEB is not
driven, AUTOMUTED appears as a weak output (10k source impedance) so can be used to drive
external mute circuits. AUTOMUTED will be removed as soon as any channel receives a non-zero
input.
A diagram showing how the various Mute modes interact is shown below in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com