Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8734 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8734
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8734 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8734_06 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8734_06 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8734_06 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8734_06 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8734_06 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8734_06 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8734_06 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8734_06 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8734_06 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
WM8734
Production Data
w
PD Rev 4.1 November 2006
13
BCLK
DACLRC/
ADCLRC
t
BCH
t
BCL
t
BCY
DACDAT
ADCDAT
t
LRSU
t
DS
t
LRH
t
DH
t
DD
Figure 5 Digital Audio Data Timing – Slave Mode
Test Conditions
AVDD, DBVDD = 3.3V, AGND = 0V, DCVDD = 3.3V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs unless
otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
50
ns
BCLK pulse width high
tBCH
20
ns
BCLK pulse width low
tBCL
20
ns
DACLRC/ADCLRC set-up
time to BCLK rising edge
tLRSU
10
ns
DACLRC/ADCLRC hold
time from BCLK rising edge
tLRH
10
ns
DACDAT set-up time to
BCLK rising edge
tDS
10
ns
DACDAT hold time from
BCLK rising edge
tDH
10
ns
ADCDAT propagation delay
from BCLK falling edge
tDD
0
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com