Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731L Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8731L
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731L Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8731L Datasheet HTML 45Page - Wolfson Microelectronics plc WM8731L Datasheet HTML 46Page - Wolfson Microelectronics plc WM8731L Datasheet HTML 47Page - Wolfson Microelectronics plc WM8731L Datasheet HTML 48Page - Wolfson Microelectronics plc WM8731L Datasheet HTML 49Page - Wolfson Microelectronics plc WM8731L Datasheet HTML 50Page - Wolfson Microelectronics plc WM8731L Datasheet HTML 51Page - Wolfson Microelectronics plc WM8731L Datasheet HTML 52Page - Wolfson Microelectronics plc WM8731L Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
WM8731 / WM8731L
Production Data
w
PD Rev 4.3 August 2006
49
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:0
LINVOL[4:0]
10111
( 0dB )
Left Channel Line Input Volume
Control
11111 = +12dB . . 1.5dB steps down
to 00000 = -34.5dB
7
LINMUTE
1
Left Channel Line Input Mute to ADC
1 = Enable Mute
0 = Disable Mute
0000000
Left Line In
8
LRINBOTH
0
Left to Right Channel Line Input
Volume and Mute Data Load Control
1 = Enable Simultaneous Load of
LINVOL[4:0] and LINMUTE to
RINVOL[4:0] and RINMUTE
0 = Disable Simultaneous Load
4:0
RINVOL[4:0]
10111
( 0dB )
Right Channel Line Input Volume
Control
11111 = +12dB . .1.5dB steps down
to 00000 = -34.5dB
7
RINMUTE
1
Right Channel Line Input Mute to
ADC
1 = Enable Mute
0 = Disable Mute
0000001
Right Line In
8
RLINBOTH
0
Right to Left Channel Line Input
Volume and Mute Data Load Control
1 = Enable Simultaneous Load of
RINVOL[4:0] and RINMUTE to
LINVOL[4:0] and LINMUTE
0 = Disable Simultaneous Load
6:0
LHPVOL
[6:0]
1111001
( 0dB )
Left Channel Headphone Output
Volume Control
1111111 = +6dB
. . 1dB steps down to
0110000 = -73dB
0000000 to 0101111 = MUTE
7
LZCEN
0
Left Channel Zero Cross detect
Enable
1 = Enable
0 = Disable
0000010
Left Headphone
Out
8
LRHPBOTH
0
Left to Right Channel Headphone
Volume, Mute and Zero Cross Data
Load Control
1 = Enable Simultaneous Load of
LHPVOL[6:0] and LZCEN to
RHPVOL[6:0] and RZCEN
0 = Disable Simultaneous Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com