Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753L Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  Hi-Fi and Telephony Dual CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8753L Datasheet HTML 35Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 36Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 37Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 38Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 39Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 40Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 41Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 42Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
WM8753L
Pre-Production
w
PP Rev 3.4 November 2005
39
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:1
DEEMP
[1:0]
00
De-emphasis Control
11 = 48kHz sample rate
10 = 44.1kHz sample rate
01 = 32kHz sample rate
00 = No De-emphasis
R1 (01h)
DAC Control
3
DACMU
1
Digital Soft Mute
1 = mute
0 = no mute (signal active)
Table 28 HiFi DAC Control
The digital audio data is converted to oversampled bit streams in the on-chip, true 24-bit digital
interpolation filters. The bitstream data enters two multi-bit, sigma-delta DACs, which convert them to
high quality analogue audio signals. The multi-bit DAC architecture reduces high frequency noise and
sensitivity to clock jitter. It also uses a Dynamic Element Matching technique for high linearity and low
distortion.
In normal operation, the left and right channel digital audio data is converted to analogue in two
separate DACs. There is also a mono-mix mode where the two audio channels are mixed together
digitally, controlled by the DMONOMIX register bits which allow the digital mono mix to be applied to
left, right or both DAC channels. If only one DAC channel is being used for the mono mix the other
can be powered down.
The DAC output defaults to non-inverted. Setting DACINV will invert the DAC output phase on both
left and right channels.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5:4
DMONOMIX
[1:0]
00
DAC Mono Mix
00: stereo
01: mono ((L+R)/2) into DACL, ‘0’ into
DACR
10: mono ((L+R)/2) into DACR, ‘0’ into
DACL
11: mono ((L+R)/2) into DACL and
DACR
R1 (01h)
DAC Control
6
DACINV
0
DAC Phase Invert
0 : non-inverted
1 : inverted
Table 29 HiFi DAC Mono Mix and Phase Invert Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com