Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8762 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8762
Description  24-bit 192kHz Stereo DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8762 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8762_06 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8762_06 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8762_06 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8762_06 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8762_06 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8762_06 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8762_06 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8762_06 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8762_06 Datasheet HTML 15Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
WM8762
Production Data
w
PD Rev 4.2 July 2006
13
RECOMMENDED ANALOGUE LOW PASS FILTER (OPTIONAL)
+
_
+
+VS
-VS
10uF
51
Ω
7.5K
Ω
680pF
1.8k
Ω
47k
Ω
4.7k
Ω
4.7k
Ω
1.0nF
Figure 11 Recommended Low Pass Filter (Optional)
An external low pass filter is recommended (see Figure 20) if the device is driving a wideband
amplifier. In some applications, a passive RC filter may be adequate.
PCB LAYOUT RECOMMENDATIONS
Care should be taken in the layout of the PCB that the WM8726 is to be mounted to. The
following notes will help in this respect:
1.
The VDD supply to the device should be as noise free as possible. This can be
accomplished to a large degree with a 10uF bulk capacitor placed locally to the device and a
0.1uF high frequency decoupling capacitor placed as close to the VDD pin as possible. It is
best to place the 0.1uF capacitor directly between the VDD and GND pins of the device on
the same layer to minimize track inductance and thus improve device decoupling
effectiveness.
2.
Separate analogue and digital track routing from each other. The device is split into
analogue (pins 5 – 9) and digital (pins 1 – 4 & pins 10 – 14) sections that allow the routing of
these signals to be easily separated. By physically separating analogue and digital signals,
crosstalk from the PCB can be minimized.
3.
Use an unbroken solid GND plane.
To achieve best performance from the device, it is
advisable to have either a GND plane layer on a multilayer PCB or to dedicate one side of a
2 layer PCB to be a GND plane. For double sided implementations it is best to route as
many signals as possible on the device mounted side of the board, with the opposite side
acting as a GND plane. The use of a GND plane greatly reduces any electrical emissions
from the PCB and minimizes crosstalk between signals.
An evaluation board is available for the WM8726 that demonstrates the above techniques and
the excellent performance achievable from the device. This can be ordered or the User manual
downloaded from the Wolfson web site at www.wolfsonmicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com