Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8778 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8778
Description  24-bit, 192kHz Stereo CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8778 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8778 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Production Data
WM8778
w
PD Rev 4.0 April 2005
13
INTERNAL POWER ON RESET CIRCUIT
Figure 8 Internal Power on Reset Circuit Schematic
The WM8778 includes an internal Power on Reset Circuit which is used reset the digital logic into a
default state after power up.
Figure 8 shows a schematic of the internal POR circuit. The POR circuit is powered from AVDD. The
circuit monitors DVDD and VMID and asserts PORB low if DVDD or VMID are below the minimum
threshold Vpor_off.
On power up, the POR circuit requires AVDD to be present to operate. PORB is asserted low until
AVDD and DVDD and VMID are established. When AVDD, DVDD, and VMID have been established,
PORB is released high, all registers are in their default state and writes to the digital interface may
take place.
On power down, PORB is asserted low whenever DVDD or VMID drop below the minimum threshold
Vpor_off.
If AVDD is removed at any time, the internal Power on Reset circuit is powered down and PORB will
follow AVDD.
In most applications the time required for the device to release PORB high will be determined by the
charge time of the VMID node.
Figure 9 Typical Power up Sequence where DVDD is Powered before AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com