Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8785 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8785
Description  24-Bit, 192kHz Stereo ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8785 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8785 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Production Data
WM8785
w
PD Rev 4.1 December 2006
21
DATA OUT PIN DISABLE
To prevent any communication problems on the Audio Interface, the interface can be disabled
(DOUT tristated and floating) using the SDODIS bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2(02h)
HP Filter ,
Output
disable,
Power down,
Mono mode
2
SDODIS
0
DOUT serial data pin disable
0 = DOUT pin enabled
1 = DOUT pin off (high impedance)
Table 3 Oversampling Ratio Selection
CONTROL INTERFACE
SELECTION OF CONTROL MODE
The WM8785 is controlled by writing to registers through a serial control interface. A control word
consists of 16 bits. The first 7 bits (B15 to B9) are address bits that select which control register is
accessed. The remaining 9 bits (B8 to B0) are register bits, corresponding to the 9 bits in each
control register. The control interface can operate as either a 3-wire or 2-wire MPU interface. The
CSB pin is sampled at power-up and selects the interface format. After power-up the pin is available
to latch in control data in 3-wire interface mode.
Figure 25 Control Interface Mode Selection
CSB PIN STATUS
INTERFACE FORMAT
Low
2 wire
High
3 wire
Table 4 Control Interface Mode Selection
SETUP/HOLD
TIME
tpusetup
250us
tpuhold
250us
Table 5 Control Interface Mode Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com