Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8785GEDS/V Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8785GEDS/V
Description  24-Bit, 192kHz Stereo ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8785GEDS/V Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8785GEDS/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
WM8785
Production Data
w
PD Rev 4.1 December 2006
20
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (00h)
Sample Rate
and Digital Audio
Interface Format
6:5
FORMAT
10
Audio Data Format Select
11: DSP Format
10: I
2S Format
01: Left justified
00: Right justified
1:0
WL
10
Audio Data Word Length
11: 32 bits (see Note)
10: 24 bits
01: 20 bits
00: 16 bits
right, left and I
2S modes –
LRCLK polarity
1 = invert LRCLK polarity
0 = normal LRCLK polarity
2
LRP
0
DSP Mode – A/B select
1 = MSB is available on 1st
BCLK rising edge after LRC
rising edge (mode B)
0 = MSB is available on 2nd
BCLK rising edge after LRC
rising edge (mode A)
3
BCLKINV
0
BCLK invert bit (for master and
slave modes)
0 = BCLK not inverted
1 = BCLK inverted
R1 (01h)
Digital Audio
Interface Format
and TDM
4
LRSWAP
0
Left/Right channel swap
1 = swap left and right DAC
data in audio interface
0 = output left and right data as
normal
Table 1 Audio Data Format Control
Note: Right Justified mode does not support 32-bit data. If WL=11 in Right justified mode, the actual
word length is 24 bits.
DIGITAL HIGH PASS
The high pass filter can be enabled using the HPFL and HPFR bits (see digital filter characteristics)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
HPFR
1
Digital High Pass Filter, Right Channel
0 = HPF Off
1 = HPF On
R2(02h)
HPfilter ,
Output
disable,
Power down,
Mono mode
1
HPFL
1
Digital High Pass Filter, Left Channel
0 = HPF Off
1 = HPF On
Table 2 Oversampling Ratio Selection
The high pass filter should only be disabled for procedures such as DC offset calibration. It should be
noted that the output range of the ADC with a DC level applied and HPF disabled is as follows:
Maximum code: 7FDFB0
Minimum code: 802033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com