Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8782GEDT/R Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8782GEDT/R
Description  24-Bit, 192kHz Stereo ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8782GEDT/R Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8782GEDT/R Datasheet HTML 1Page - Wolfson Microelectronics plc WM8782GEDT/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM8782GEDT/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM8782GEDT/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8782GEDT/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8782GEDT/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8782GEDT/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8782GEDT/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8782GEDT/R Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Production Data
WM8782
w
PD, August 2006, Rev 4.2
3
PIN CONFIGURATION
1
MCLK
2
3
VREFGND
4
5
VREFP
6
7
AVDD
8
AINR
9
AGND
10
AINOPR
AINOPL
COM
AINL
M/S
BCLK
FSAMPEN
IWL
LRCLK
DGND
DOUT
DVDD
VMID
FORMAT
11
12
13
14
15
16
17
20
19
18
ORDERING INFORMATION
DEVICE
TEMPERATURE
RANGE
PACKAGE
MOISTURE SENSITIVITY
LEVEL
PEAK SOLDERING
TEMPERATURE
WM8782SEDS
-25
°C to +85°C
20-lead SSOP
(Pb-free)
MSL1
260
oC
WM8782SEDS/R
-25
°C to +85°C
20-lead SSOP
(Pb-free, tape and reel)
MSL1
260
oC
WM8782GEDT
-25
°C to +85°C
20-lead TSSOP
(Pb-free)
MSL1
260
oC
WM8782GEDT/R
-25
°C to +85°C
20-lead TSSOP
(Pb-free, tape and reel)
MSL1
260
oC
Note:
Reel quantity = 2,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com