Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8785GEDS/RV Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8785GEDS/RV
Description  24-Bit, 192kHz Stereo ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8785GEDS/RV Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8785GEDS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
WM8785
Production Data
w
PD Rev 4.1 December 2006
26
OVERSAMPLING RATIOS AND SIGMA-DELTA MODULATOR FREQUENCY
For correct operation of the device and optimal performance, the user must select the appropriate
ADC modulator oversampling ratio. The oversampling ratio is selected using the OSR[1:0] bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0(h00)
Signal Control
4:3
OSR[1:0]
00
Oversampling Ratio
Control
00: Single Rate (128fs)
01: Dual Rate (64fs)
10: Quad Rate (32fs)
11: Not Valid
Table 9 Oversampling Ratio Selection
The WM8785 can operate at sample rates from 8kHz to 192kHz. The WM8785 uses a sigma-delta
modulator that operates at frequencies between 1.024MHz and 6.144MHz
SAMPLING RATE
(LRCLK)
OVERSAMPLING RATIO
SIGMA-DELTA
MODULATOR
FREQUENCY (MHZ)
8kHz
Single Rate (128fs)
1.024
32kHz
Single Rate (128fs)
4.096
44.1kHz
Single Rate (128fs)
5.6448
48kHz
Single Rate (128fs)
6.144
96kHz
Dual Rate (64fs)
6.144
192kHz
Quad Rate (32fs)
6.144
Table 10 Sigma-delta Modulator Frequency
MASTER CLOCK AND AUDIO SAMPLE RATES
Master clock frequencies of 128fs, 192fs, 256fs, 384fs, 512fs and 768fs are supported. In slave mode
the WM8785 automatically detects the audio sample rate. In Master mode the master clock
frequency is selected using MCR[2:0] bits. This is described in table below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0(h00)
Clocking, Sample
Rates,
2:0
MCR[2:0]
000
Master/Slave Selection
000: Slave Mode
001: Master Mode, 128fs
010: Master Mode, 192fs
011: Master Mode, 256fs
100: Master Mode, 384fs
101: Master Mode, 512fs
110: Master Mode, 768fs
Table 11 Master Clock Frequency
The master clock (MCLK) is used to operate the digital filters and the noise shaping circuits. The
WM8785 supports a wide range of master clock frequencies, and can generate many commonly
used audio sample rates directly from the master clock. Table 1 shows the recommended master
clock frequencies for different sample rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com