Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8786GEDS/V Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8786GEDS/V
Description  24-Bit, 192kHz Stereo ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8786GEDS/V Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8786GEDS/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 24Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
WM8786
Production Data
w
PD Rev 4.2 February 2007
20
MASTER CLOCK AND AUDIO SAMPLE RATES
The master clock (MCLK) is used to operate the digital filters and the noise shaping circuits. The
WM8786 supports a wide range of master clock frequencies, and can generate many commonly
used audio sample rates directly from the master clock. The following tables show the recommended
Master clock frequencies for different sample rates.
In Master Mode, with oversampling ratio = single rate or dual rate, Master clock frequency of 256 is
supported.
MASTER CLOCK FREQUENCY (MHz)
SAMPLING RATE
(LRCLK)
OVERSAMPLING
RATIO
256fs
32kHz
Single Rate
8.192
44.1kHz
Single Rate
11.2896
48kHz
Single Rate
12.288
96kHz
Dual Rate
24.576
Table 6 Master Mode: Recommended Master Clock Frequency Selection
In Master Mode, with oversampling ratio = quad rate, Master clock frequency of 192 is supported.
MASTER CLOCK FREQUENCY (MHz)
SAMPLING RATE
(LRCLK)
OVERSAMPLING
RATIO
128fs
192kHz
Quad Rate
24.576
Table 7 Master Mode: Recommended Master Clock Frequency Selection
In Slave Mode, Master clock frequencies of 128fs, 192fs, 256fs, 384fs, 512fs and 768fs are supported..
The WM8786 automatically detects the audio sample rate, in slave mode.
MASTER CLOCK FREQUENCY (MHz)
SAMPLING RATE
(LRCLK)
OVERSAMPLING
RATIO
128fs
192fs
256fs
384fs
512fs
768fs
32kHz
Single Rate
-
-
8.192
12.288
16.384
24.576
44.1kHz
Single Rate
-
-
11.2896
16.9344
22.5792
33.8688
48kHz
Single Rate
-
-
12.288
18.432
24.576
36.864
96kHz
Dual Rate
-
-
24.576
36.864
-
-
192kHz
Quad Rate
24.576
36.864
-
-
-
-
Table 8 Slave Mode: Recommended Master Clock Frequency Selection
MLCK AND LRCLK PHASE RELATIONSHIP
The WM8786 does not require a specific phase relationship between MLCK and LRCLK. If the
relationship between MCLK and LRCLK changes by more than +/-8 BCLKs in a 64 BLCK frame, the
WM8786 will attempt to re-synchronise During re-synchronisation, data samples may be dropped or
duplicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com