Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8786GEDS/RV Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8786GEDS/RV
Description  24-Bit, 192kHz Stereo ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8786GEDS/RV Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8786GEDS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8786GEDS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8786GEDS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8786GEDS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8786GEDS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8786GEDS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8786GEDS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8786GEDS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8786GEDS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Production Data
WM8786
w
PD Rev 4.2 February 2007
19
AUDIO INTERFACE CONTROL
AUDIO INTERFACE CONTROL
The audio interface is controlled using the AUDIOF0 and AUDIOF1 pins. Dynamically changing the
audio format may cause erroneous operation of the interfaces and is therefore not recommended.
All ADC data is signed 2’s complement. The length of the digital audio data is always 24 bits.
AUDIOF1 PIN STATUS
AUDIOF0 PIN STATUS
AUDIO INTERFACE
FORMAT
Low
Low
24-bit right justified
Low
High
24-bit left justified
High
Low
24-bit I
2S
High
High
24-bit DSP
Table 3 Audio Interface Format Selection
OVERSAMPLING RATIOS AND SIGMA-DELTA MODULATOR FREQUENCY
For correct operation of the device and optimal performance, the user must select the appropriate
ADC modulator oversampling ratio. The oversampling ratio is selected using the OSR0 and OSR1
pins.
OSR1 PIN STATUS
OSR0 PIN STATUS
OVERSAMPLING RATIO
CONTROL
Low
Low
Single Rate (128fs)
Low
High
Dual Rate (64fs)
High
Low
Quad Rate (32fs)
High
High
Not Valid
Table 4 Oversampling Ratio Selection
The WM8786 can operate at sample rates from 8kHz to 192kHz. The WM8786 uses a sigma-delta
modulator that operates at frequencies between 1.024MHz and 6.144MHz
SAMPLING RATE
(LRCLK)
OVERSAMPLING RATIO
SIGMA-DELTA
MODULATOR
FREQUENCY (MHZ)
8kHz
Single Rate (128fs)
1.024
32kHz
Single Rate (128fs)
4.096
44.1kHz
Single Rate (128fs)
5.6448
48kHz
Single Rate (128fs)
6.144
96kHz
Dual Rate (64fs)
6.144
192kHz
Quad Rate (32fs)
6.144
Table 5 Sigma-delta Modulator Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com