Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYD71D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYD71D
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD71D Datasheet(HTML) 2 Page - NXP Semiconductors

  BYD71D Datasheet HTML 1Page - NXP Semiconductors BYD71D Datasheet HTML 2Page - NXP Semiconductors BYD71D Datasheet HTML 3Page - NXP Semiconductors BYD71D Datasheet HTML 4Page - NXP Semiconductors BYD71D Datasheet HTML 5Page - NXP Semiconductors BYD71D Datasheet HTML 6Page - NXP Semiconductors BYD71D Datasheet HTML 7Page - NXP Semiconductors BYD71D Datasheet HTML 8Page - NXP Semiconductors BYD71D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1996 Sep 19
2
Not recommended for new designs
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYD71 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy
absorption capability
• Available in ammo-pack.
DESCRIPTION
Cavity free cylindrical SOD91 glass
package through Implotec
™(1)
technology. This package is
hermetically sealed and fatigue free
as coefficients of expansion of all
used parts are matched.
(1) Implotec is a trademark of Philips.
Fig.1 Simplified outline (SOD91) and symbol.
MAM196
k
a
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
BYD71A
−
50
V
BYD71B
−
100
V
BYD71C
−
150
V
BYD71D
−
200
V
BYD71E
−
250
V
BYD71F
−
300
V
BYD71G
−
400
V
VR
continuous reverse voltage
BYD71A
−
50
V
BYD71B
−
100
V
BYD71C
−
150
V
BYD71D
−
200
V
BYD71E
−
250
V
BYD71F
−
300
V
BYD71G
−
400
V
IF(AV)
average forward current
Ttp =55 °C; lead length = 10 mm;
see Figs 2 and 3;
averaged over any 20 ms period;
see also Figs 10 and 11
BYD71A to D
−
0.56
A
BYD71E to G
−
0.54
A
IF(AV)
average forward current
Tamb =60 °C; PCB mounting (see
Fig.16); see Figs 4 and 5;
averaged over any 20 ms period;
see also Figs 10 and 11
BYD71A to D
−
0.43
A
BYD71E to G
−
0.41
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com