Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST26C31 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST26C31
Description  CMOS quad tri-state differential line driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26C31 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST26C31_06 Datasheet HTML 3Page - STMicroelectronics ST26C31_06 Datasheet HTML 4Page - STMicroelectronics ST26C31_06 Datasheet HTML 5Page - STMicroelectronics ST26C31_06 Datasheet HTML 6Page - STMicroelectronics ST26C31_06 Datasheet HTML 7Page - STMicroelectronics ST26C31_06 Datasheet HTML 8Page - STMicroelectronics ST26C31_06 Datasheet HTML 9Page - STMicroelectronics ST26C31_06 Datasheet HTML 10Page - STMicroelectronics ST26C31_06 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ST26C31
Electrical characteristics
7/15
Note:
1
Unless otherwise specified, min/max limits apply across the recommended operating
temperature range. All typical are given for VCC=5V and Ta = 25°C
2
Skewis defined as the difference in propagation delays between complementary outputs at
the 50% point.
3
Output disable time is the delay from the control input being switched to the output
transistors tuning off. The actual disable times are less than indicated due to the delay
added by RC time constant of the load.
4
CPD determines the no load dynamic power consumption, PD = CPDVCC
2
, f = ICCVCC, and
the no load dynamic current consumption, PD = CPD VCCf + ICC .
Table 6.
Switching characteristics (VCC = 5V ± 10%, tr = tf ≤ 6ns, See Note 1)
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
tPLH
tPHL
Propagation delay input to output
S1 Open
2
6
11
ns
Skew
(Note 2)
S1 Open
0.5
2
ns
tTLH
tTHL
Differential output rise and fall times
S1 Open
6
10
ns
tPZH
Output enable time
S1 Closed
11
19
ns
tPZL
Output enable time
S1 Closed
13
21
ns
tPHZ
Output disable time (Note 3)
S1 Closed
5
9
ns
tPLZ
Output disable time (Note 3)
S1 Closed
7
11
ns
CPD
Power dissipation capacitance
(Note 4)
50
pF
CIN
Input capacitance
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com