Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST26C31BN Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST26C31BN
Description  CMOS quad tri-state differential line driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26C31BN Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST26C31BN Datasheet HTML 2Page - STMicroelectronics ST26C31BN Datasheet HTML 3Page - STMicroelectronics ST26C31BN Datasheet HTML 4Page - STMicroelectronics ST26C31BN Datasheet HTML 5Page - STMicroelectronics ST26C31BN Datasheet HTML 6Page - STMicroelectronics ST26C31BN Datasheet HTML 7Page - STMicroelectronics ST26C31BN Datasheet HTML 8Page - STMicroelectronics ST26C31BN Datasheet HTML 9Page - STMicroelectronics ST26C31BN Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
ST26C31
6/15
3
Electrical characteristics
Note:
1
Unless otherwise specified, min/max limits apply across the recommended operating
temperature range. All typical are given for VCC = 5V and Ta = 25°C
2
See EIA Specification RS422 for exact test conditions.
3
Measured per pin input. All other input at VCC or GND.
4
This is the current sourced when a high output is shorted to ground. Only one output at time
should be shorted.
Table 5.
Electrical characteristics (VCC = 5V ± 10%, unless otherwise specified, See Note 1)
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VIH
High level input voltage
2
V
VIL
Low level input voltage
0.8
V
VOH
High level output voltage
VIN = VIH or VIL, IOUT = -20mA
2.5
3.4
V
VOL
Low level output voltage
VIN = VIH or VIL, IOUT = +20mA
0.3
0.5
V
VT
Differential output voltage
RL = 100 Ω (Note 2)2
3.1
V
VT-VT
Difference in differential
output voltage
RL = 100 Ω (Note 2)0.4
V
VOS
Common mode output
voltage
RL = 100 Ω (Note 2)1.8
3
V
VOS-
VOS
Difference in common
mode output voltage
RL = 100 Ω (Note 2)0.4
V
IIN
Input current
VIN = VCC, GND, VIH or VIL
±1
µA
ICC
Quiescent supply current
(Note 2)
IOUT = 0 µA
VIN = VCC or GND
200
500
µA
VIN = 2.4 or 0.5 V
(Note 3)
0.8
2
mA
IOZ
3-STATE output leakage
current
VOUT = VCC or GND
ENABLE = VIL
ENABLE = VIH
±0.5
±5
µA
ISC
Output short circuit
current
VIN = VCC or GND
(Note 2, Note 4)
-30
-150
mA
IOFF
Power off output leakage
current (Note 2)
VCC = 0 V
VOUT = 6 V
100
µA
VOUT = -0.25 V
-100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com