Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955BL Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8955BL
Description  Stereo DAC For Portable Audio Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955BL Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8955BL_07 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8955BL_07 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8955BL_07 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8955BL_07 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8955BL_07 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8955BL_07 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8955BL_07 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8955BL_07 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8955BL_07 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Production Data
WM8955BL
w
PD Rev 4.1 February 2007
21
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
LD2RO
0
Left DAC to Right Mixer
0 = Disable (Mute)
1 = Enable Path
7
MI2RO
0
MONOIN Signal to Right Mixer
0 = Disable (Mute)
1 = Enable Path
R36 (24h)
Right Mixer
(1)
6:4
MI2ROVOL
101
(-9dB)
MONOIN Signal to Right Mixer Volume
000 = +6dB
… (3dB steps)
111 = -15dB
8
RD2RO
0
Right DAC to Right Mixer
0 = Disable (Mute)
1 = Enable Path
7
RI2RO
0
LINEINR Signal to Right Mixer
0 = Disable (Mute)
1 = Enable Path
R37 (25h)
Right Mixer
(2)
6:4
RI2ROVOL
101
(-9dB)
LINEINR Signal to Right Mixer Volume
000 = +6dB
… (3dB steps)
111 = -15dB
Table 8 Right Output Mixer Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
LD2MO
0
Left DAC to Mono Mixer
0 = Disable (Mute)
1 = Enable Path
7
LI2MO
0
LINEINL Signal to Mono Mixer
0 = Disable (Mute)
1 = Enable Path
R38 (26h)
Mono Mixer
(1)
6:4
LI2MOVOL
101
(-9dB)
LINEINL Signal to Right Mono Volume
000 = 0dB
… (3dB steps)
111 = -21dB
8
RD2MO
0
Right DAC to Mono Mixer
0 = Disable (Mute)
1 = Enable Path
7
RI2MO
0
LINEINR Signal to Mono Mixer
0 = Disable (Mute)
1 = Enable Path
R39 (27h)
Mono Mixer
(2)
6:4
RI2MOVOL
101
(-9dB)
LINEINR Signal to Mono Mixer Volume
000 = 0dB
… (3dB steps)
111 = -21dB
Table 9 Mono Output Mixer Control
Note:
The mono mixer has half the gain of the left and right mixers (i.e. 6dB less), to ensure that the left and
right channels can be mixed to mono without clipping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com