Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30L06W Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH30L06W
Description  Turbo 2 ultrafast high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30L06W Datasheet(HTML) 2 Page - STMicroelectronics

  STTH30L06W Datasheet HTML 1Page - STMicroelectronics STTH30L06W Datasheet HTML 2Page - STMicroelectronics STTH30L06W Datasheet HTML 3Page - STMicroelectronics STTH30L06W Datasheet HTML 4Page - STMicroelectronics STTH30L06W Datasheet HTML 5Page - STMicroelectronics STTH30L06W Datasheet HTML 6Page - STMicroelectronics STTH30L06W Datasheet HTML 7Page - STMicroelectronics STTH30L06W Datasheet HTML 8Page - STMicroelectronics STTH30L06W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STTH30L06
2/10
1
Characteristics
To evaluate the conduction losses use the following equation: P = 0.95 x IF(AV) + 0.010 IF2(RMS)
Table 1.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS)
RMS forward voltage
50
A
IF(AV)
Average forward current
TO-220AC / TO-247 / D2PAK Tc = 125° C δ = 0.5
30
A
DOP3I
Tc = 95° C δ = 0.5
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
160
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
Table 2.
Thermal resistance
Symbol
Parameter
Value (max).
Unit
Rth(j-c)
Junction to case
TO-220AC / TO-247 / D2PAK
1.1
°C/W
DOP3I
1.7
Table 3.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = VRRM
25
µA
Tj = 150° C
80
800
VF
(2)
Forward voltage drop
Tj = 25° C
IF = 30 A
1.55
V
Tj = 150° C
1.0
1.25
1.
Pulse test: tp = 5 ms, δ < 2%
2.
Pulse test: tp = 380 µs, δ < 2%
Table 4.
Dynamic Characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
trr
Reverse recovery
time
Tj = 25° C
IF = 0.5 A Irr = 0.25 A IR =1 A
65
ns
IF = 1 A dIF/dt = 50 A/µs VR =30 V
65
90
IRM
Reverse recovery
current
Tj = 125° C
IF = 30 A
VR = 400 V
dIF/dt = 100 A/µs
11.5
16
A
tfr
Forward recovery
time
Tj = 25° C
IF = 30 A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
500
ns
VFP
Forward recovery
voltage
Tj = 25° C
IF = 30 A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com